Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8520 Datasheet(PDF) 22 Page - ams AG

Part # AS8520
Description  LIN Transceiver with Voltage Regulator, Attenuator, Relay Drivers, MCU Interface for Automotive Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8520 Datasheet(HTML) 22 Page - ams AG

Back Button AS8520 Datasheet HTML 18Page - ams AG AS8520 Datasheet HTML 19Page - ams AG AS8520 Datasheet HTML 20Page - ams AG AS8520 Datasheet HTML 21Page - ams AG AS8520 Datasheet HTML 22Page - ams AG AS8520 Datasheet HTML 23Page - ams AG AS8520 Datasheet HTML 24Page - ams AG AS8520 Datasheet HTML 25Page - ams AG AS8520 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8520
Revision 0.01
22 - 34
AS8520
Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 8. Receive Mode Impulse Diagram
8.5 RX and TX Interface
8.5.1 Input TX
The 5V input TX controls directly the BUS level. LIN Transmitter acts like a slew-controlled level shifter. A dominant state (low) on TX leads to the
LIN bus being pulled low (dominant state) too. The TX pin has an internal active pull up connected to VCC. This guarantees that an open TX pin
generates a recessive BUS level.
Figure 9. TX Input Circuitry
8.5.2 Output RX
The received BUS signal will be output to the RX pin:
BUS < Vthr_cnt – 0.5 * Vthr_hys
→ RX = low
BUS > Vthr_cnt + 0.5 * Vthr_hys
→ RX = high
This output is a push-pull driver between VCC and GND with an output current of 1mA.
RX
BUS
t < tdeb_BUS
t < tdeb_BUS
50%
60%
40%
Vthr_cnt
Vthr_max
Vthr_min
Vthr_hys
AS8520
VCC
MCU
RC-Filter
(10ns)
VCC
IPU_TXD
TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com