Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8520 Datasheet(PDF) 26 Page - ams AG

Part # AS8520
Description  LIN Transceiver with Voltage Regulator, Attenuator, Relay Drivers, MCU Interface for Automotive Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8520 Datasheet(HTML) 26 Page - ams AG

Back Button AS8520 Datasheet HTML 22Page - ams AG AS8520 Datasheet HTML 23Page - ams AG AS8520 Datasheet HTML 24Page - ams AG AS8520 Datasheet HTML 25Page - ams AG AS8520 Datasheet HTML 26Page - ams AG AS8520 Datasheet HTML 27Page - ams AG AS8520 Datasheet HTML 28Page - ams AG AS8520 Datasheet HTML 29Page - ams AG AS8520 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8520
Revision 0.01
26 - 34
AS8520
Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 14. Protocol for Serial Data Write with Length = 1
Figure 15. Protocol for Serial Data Write with Length = 4
8.7.1.3 Read Command
For Read command C0 = 1.
After the command code C0 and two reserved bits, the address of register to be read has to be provided from the MSB to the LSB. Then one or
more data bytes can be transferred from the SPI slave to the master, always from the MSB to the LSB. To transfer more bytes from consecutive
addresses, SPI master has to keep active the SPI CS signal and the SPI clock as long as it desires to read data from the slave. Each bit of the
command and address sections of the frame have to be driven by the SPI master on the SPI clock transfer edge and the SPI slave on the next
SPI clock edge samples it. Each bit of the data section of the frame has to be driven by the SPI slave on the SPI clock transfer edge and the SPI
master on the next SPI clock edge samples it. These edges are selected as per Table 17. The following figures illustrate two examples of read
command (without and with address self-increment.)
CS
SCLK
SDI
SDO
0
RES1
RES0
A4
A0
A1
A2
A3
D0
D1
D2
D3
D4
D5
D7
D6
Transfer edge
Sampling edge
Data D7 – D0 is moved to
Address A4..A0 here
CS
SCLK
SDI
SDO
0
R
ES
1
A
1
A
4
A
2
A
3
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
Data D7-D0 is
moved to Address
A4-A0 here
Data D7-D0 is
moved to Address
A4-A0 +1 here
Data D7-D0 is
moved to Address
A4-A0 +2 here
Data D7-D0 is
moved to Address
A4-A0 +3 here
Data D7-D0 is
moved to Address
A4-A0 +4 here
A
0
R
ES
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com