Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8520 Datasheet(PDF) 5 Page - ams AG

Part # AS8520
Description  LIN Transceiver with Voltage Regulator, Attenuator, Relay Drivers, MCU Interface for Automotive Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8520 Datasheet(HTML) 5 Page - ams AG

  AS8520 Datasheet HTML 1Page - ams AG AS8520 Datasheet HTML 2Page - ams AG AS8520 Datasheet HTML 3Page - ams AG AS8520 Datasheet HTML 4Page - ams AG AS8520 Datasheet HTML 5Page - ams AG AS8520 Datasheet HTML 6Page - ams AG AS8520 Datasheet HTML 7Page - ams AG AS8520 Datasheet HTML 8Page - ams AG AS8520 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8520
Revision 0.01
5 - 34
AS8520
Preliminary Data Sheet - P i n A s s i g n m e n t s
VCC
19
Regulated 5V/3.3V supply for loads up to 50mA,
OTP selectable (factory programmable)
VSS
20
GND
NC
21
Not connected.
NC
22
Not connected.
NC
23
Not connected.
EN
24
High voltage compatible. Enable pin with pull down to VSS, active high.
Table 1. Pin Descriptions
Pin Name
Pin Number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com