Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8520 Datasheet(PDF) 18 Page - ams AG

Part # AS8520
Description  LIN Transceiver with Voltage Regulator, Attenuator, Relay Drivers, MCU Interface for Automotive Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8520 Datasheet(HTML) 18 Page - ams AG

Back Button AS8520 Datasheet HTML 14Page - ams AG AS8520 Datasheet HTML 15Page - ams AG AS8520 Datasheet HTML 16Page - ams AG AS8520 Datasheet HTML 17Page - ams AG AS8520 Datasheet HTML 18Page - ams AG AS8520 Datasheet HTML 19Page - ams AG AS8520 Datasheet HTML 20Page - ams AG AS8520 Datasheet HTML 21Page - ams AG AS8520 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8520
Revision 0.01
18 - 34
AS8520
Preliminary Data Sheet - D e t a i l e d D e s c r i p t i o n
Note:
L = low state, H = high state, OT = Over-temperature Reset, Uvcc = Undervoltage VCC, Uvbat = Undervoltage VBAT, rwake =remote
wake, X = don’t care.
Temporary
Shutdown
Mode
Normal
RS-X
H-X
2
X
X
L
X
X
inactive
clear
Internal 128ms timer
expired
Over-
Temperature
Mode
Normal
RS-X
H-X
2
X
X
L
X
X
clear
clear
Temperature monitor
output de-asserted
(covered by scan)
Sleep Mode
3
Normal
RS-X
H-X
2
X
X
L
set
X
inactive
clear
Remote Wake up
Event occurred on
LIN
Over-
Temperature
RS
H
2
X
X
L
X
X
set
hold
Temperature monitor
output asserted
(covered by scan)
All States
Power Off
XXXX
X
X
L-H
3
XX
1. Chosen by factory programming option
2. Effect of Transition
3. Cause for Transition
Table 14. Transition Table
Transition
Interface
Reg.
0x05
D0
Flags
From mode
To mode
LIN
RX
TX
EN
rwake Uvbat
OT
Uvcc
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com