Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3033CS Datasheet(PDF) 6 Page - UNISEM

Part # US3033CS
Description  PWM SWITCHER & LINEAR CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3033CS Datasheet(HTML) 6 Page - UNISEM

  US3033CS Datasheet HTML 1Page - UNISEM US3033CS Datasheet HTML 2Page - UNISEM US3033CS Datasheet HTML 3Page - UNISEM US3033CS Datasheet HTML 4Page - UNISEM US3033CS Datasheet HTML 5Page - UNISEM US3033CS Datasheet HTML 6Page - UNISEM US3033CS Datasheet HTML 7Page - UNISEM US3033CS Datasheet HTML 8Page - UNISEM US3033CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
US3033
4-6
Rev. 1.5
1/14/99
Mode of Operation
L1
L2
D1 C4
C5
R1A
R1B
R2
R3
R4
R5
R6
R7
Switching
V
V
V
V
V
O
V
V
V
V
V
V
O
Linear
S
S
O
O
O
V
O
O
O
V
O
V
V
V = See parts list for value
S = Short
O = Open
TYPICAL APPLICATION
TYPICAL APPLICATION
5V to 3.3V for Pentium Application with AGP or Pentium II Application without ATX power supply
Dual mode Operation between Switching or Linear mode.
Ref Desig
Description
Qty
Part #
Manufacturer
U1
LDO/Switcher IC
1
US3033CS ( 8 pin SOIC)
Unisem
Q2
MOSFET
1
IRL3303 (TO220)
International
IRL3103S (TO263)
(note 1)
Rectifier
D1
Schottky Diode
1
MBR1045CT (TO220)
MBRB1545CT (TO263) (note1)
Motorola
L2
Inductor
1
Core:T50-18,L=4 uH
Micro Metal
Turns: 10T, 18 AWG
(core)
L1
Inductor
1
L=2 uH
R1A
Resistor
1
2.4k ohm,5%, SMT 1206 size
R1B
Resistor
1
22 ohm,5%, SMT 1206 size
R2
Resistor
1
10 ohm, 5%, SMT 1206 size
R3
Resistor
1
249 kohm,1%, SMT 0805 size
R4
Resistor
1
1 kohm,1%, SMT 0805 size
R5
Resistor
1
576 ohm,1%, SMT 0805 size
R6
Resistor
1
180 ohm,1%, SMT 0805 size
R7
Resistor
1
100 ohm,1%, SMT 0805 size
R9
Resistor
1
10 ohm, 5%, SMT 1206 size
R10
Resistor
1
1k ohm, 5%, SMT 1206 size
R13
Resistor
1
7.5k ohm, 5%, SMT 1206 size
C1,2
Capacitor
2
6MV1500GX, 1500uF,6.3V, Elect
Sanyo
C3
Capacitor
1
1 uF,Ceramic, SMT 0805 size
C4
Capacitor
1
470 pF,Ceramic, SMT 0805 size
Sanyo
C5
Capacitor
1
10 pF,Ceramic, SMT 0805 size
Sanyo
C7
Capacitor
1
6MV1500GX, 1500uF,6.3V, Elect
Sanyo
C8
Capacitor
1
1 uF,Ceramic, SMT 0805 size
C9
Capacitor
1
470pF,Ceramic, SMT 0805 size
HS1
Heat Sink
1
For MOSFET in Switching mode , 577002
Aavid
For MOSFET in Linear mode :
507222 (3.3V current<5A),
576602 (3.3V current< 3.5A)
HS2
Heat Sink
1
For Schottky Diode , 577002
Aavid
3033app3-1.3
Vout
5V
C1
L1
C3
Q2
C2
L2
R4
C7
R6
R7
D1
R2
C4
R5
R1A
R1B
12V
R3
C5
C8
R9
1 2 3 4
5
6
7
8
Drv1V12swVfb1 Vhyst
Gnd
Vfb2
Drv2
V12
U1
R10
R13
C9
Figure3- This unique application of US3033 allows the de-
signer to switch between Linear or Switching mode of
operation using a single IC. This circuit has the flexibility
to be used for low current operation in Linear mode for
cost reasons and yet be able to operate in the Switching
mode if the load current increases and the heat gener-
ated by the Linear operation will be an issue. Table below
descibes the components that will be effected for the
two modes of operation.
Note 1: For the applications where it is desirable to
eliminate the heat sink, the IRL3103S for Q2 and
MBR1545CT for D2 in TO263 packages with minimum of
1" square copper pad can be used.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com