Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3033CS Datasheet(PDF) 3 Page - UNISEM

Part # US3033CS
Description  PWM SWITCHER & LINEAR CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3033CS Datasheet(HTML) 3 Page - UNISEM

  US3033CS Datasheet HTML 1Page - UNISEM US3033CS Datasheet HTML 2Page - UNISEM US3033CS Datasheet HTML 3Page - UNISEM US3033CS Datasheet HTML 4Page - UNISEM US3033CS Datasheet HTML 5Page - UNISEM US3033CS Datasheet HTML 6Page - UNISEM US3033CS Datasheet HTML 7Page - UNISEM US3033CS Datasheet HTML 8Page - UNISEM US3033CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
US3033
4-3
Rev. 1.5
1/14/99
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
BLOCK DIAGRAM
BLOCK DIAGRAM
Figure 1 - Simplified block diagram of the US3033
Vref
UVLO
1.25V
PWM Control
V12sw
Vhyst
Vfb2
Drv 1
Gnd
Vfb 1
Drv 2
5
1
2
4
3
6
7
3033blk1-1.0
V12
8
5V Reg
A resistor divider from this pin to the output of the switching regulator and ground sets the
Core supply voltage.
The feedback pin of the linear regulator. A resistor divider from this pin to the output of the
linear regulator and ground sets the I/O supply voltage.
The drive pin of the linear regulator. This pin controls the base of a transistor or the gate
of a MOSFET acting as the series pass element for the linear regulator.
This pin is connected to the IC substrate and must be connected to the lowest potential
in the system.
The PWM output of the switching controller. This pin is a totem pole drive that is con-
nected to the gate of the power MOSFET. A resistor may be placed from this pin to the
gate in order to reduce switching noise.
A resistor and a 10pF capacitor is connected from this pin to the VFB1 pin to set the
output ripple voltage for the switching regulator.
This pin supplies the voltage to the PWM drive and hysterises circuitry and it is con-
nected to the 12V supply. A 1 uF, high frequency capacitor must be connected from this
pin to ground to provide the peak current for charging and discharging of the MOSFET.
This pin provides the biasing for the chip and drive for the linear regulator controller. It
isconnected to 12V supply. A 10 ohm resistor in series from this pin to the 12V supply
and a 1uF, high frequency capacitor connected from this pin to Gnd is required to filter
the switching noise of the switching regulator.
3
VFB1
6
VFB2
7
Drv2
5
Gnd
1
Drv1
4
VHYST
2
V12SW
8
V12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com