Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3033CS Datasheet(PDF) 4 Page - UNISEM

Part # US3033CS
Description  PWM SWITCHER & LINEAR CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3033CS Datasheet(HTML) 4 Page - UNISEM

  US3033CS Datasheet HTML 1Page - UNISEM US3033CS Datasheet HTML 2Page - UNISEM US3033CS Datasheet HTML 3Page - UNISEM US3033CS Datasheet HTML 4Page - UNISEM US3033CS Datasheet HTML 5Page - UNISEM US3033CS Datasheet HTML 6Page - UNISEM US3033CS Datasheet HTML 7Page - UNISEM US3033CS Datasheet HTML 8Page - UNISEM US3033CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
US3033
4-4
Rev. 1.5
1/14/99
TYPICAL APPLICATION
TYPICAL APPLICATION
Pentium Dual Supply Application
Figure2- Typical application of US3033 in a flexible motherboard with the 4 bit VID output voltage selection. This circuit uses
a single jumper that programs the output voltage in 16 steps with 0.1V steps from 2V to 3.5V, designed for Intel P55
™,P54™, AMD K5
& K6
™ as well as Cyrix M1™ and M2™ applications. The Vcc2Det pin automatically shuts down the I/O regulator when a single plane
processor is dropped in the socket.
3033app2-1.3
5V
5V
12V
Q1
C1
C3
R6
R7
C6
R8
R3
C5
D2
R10
C8
R9
L1
Q2
C2
L2
R4
C7
1
D1
R2
C4
R5A
R5B
R5C
R5D
R5E
2
3
4
5
6
7
8
JP1
R1
CPU
I / O
Vcc2 Det
Core
1
2 3
4
5
6
7
8
Drv1V12swVfb1 Vhyst
Gnd
Vfb2
Drv2
V12
U1
R13
C9
R11
JP1
JP1
JP1
JP1
Output
1-2
3-4
5-6
7-8
Voltage
0
0
0
0
3.5
0
0
0
1
3.4
0
0
1
0
3.3
0
0
1
1
3.2
0
1
0
0
3.1
0
1
0
1
3.0
0
1
1
0
2.9
0
1
1
1
2.8
1
0
0
0
2.7
1
0
0
1
2.6
1
0
1
0
2.5
1
0
1
1
2.4
1
1
0
0
2.3
1
1
0
1
2.2
1
1
1
0
2.1
1
1
1
1
2.0
0 = Jumper block is installed.
1 = Jumper block is not installed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com