Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3033CS Datasheet(PDF) 1 Page - UNISEM

Part # US3033CS
Description  PWM SWITCHER & LINEAR CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3033CS Datasheet(HTML) 1 Page - UNISEM

  US3033CS Datasheet HTML 1Page - UNISEM US3033CS Datasheet HTML 2Page - UNISEM US3033CS Datasheet HTML 3Page - UNISEM US3033CS Datasheet HTML 4Page - UNISEM US3033CS Datasheet HTML 5Page - UNISEM US3033CS Datasheet HTML 6Page - UNISEM US3033CS Datasheet HTML 7Page - UNISEM US3033CS Datasheet HTML 8Page - UNISEM US3033CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
US3033
4-1
Rev. 1.5
1/14/99
PWM SWITCHER & LINEAR
CONTROLLER IC
TYPICAL APPLICATION
TYPICAL APPLICATION
Typical application of US3033 in a flexible mother board designed for Intel P55
™,P54™
AMD K5,K6
™ as well as Cyrix M1™ and M2™ applications.
TA (°C)
8 PIN PLASTIC
SOIC (S)
0 TO 70
US3033CS
Notes: P54C,P55C,Pentium II are trade marks of Intel Corp. K5 & K6 are trade marks of AMD corp. Cyrix 6X86L,M1,M2 are trade marks
of Cyrix Corp. Power PC is trade mark of IBM Corp.
DESCRIPTION
DESCRIPTION
The US3033 IC combines a switching controller and
a linear regulator controller all in a compact 8 pin
surface mount package, providing a total solution for
dual supply processor applications such as an Intel
P55C
™, AMD K6™, as well as Cyrix 6X86L™ and
the M2
™processors. Typically in these applications a
dual supply regulator converts 5V to 3.3V for I/O supply
and a jumper programmable supply of 1.25V to 3.5V for
CORE supply .The linear regulator controller portion in
the US3033 is a programmable controller allowing flex-
ibility for the I/O regulator and has a minimum of 50mA
drive current capability designed to provide ample cur-
rent for an external pass transistor. The IC uses an inter-
nal regulator generated from the 12V supply to power
the controller as well as the 12V supply to drive the power
MOSFET, allowing a low cost N channel MOSFET
switch to be used. The IC also includes an error com-
parator for fast transient response, a precise voltage ref-
erence for setting the output voltage as well as a direct
drive of the MOSFET for the minimum part count.
FEATURES
FEATURES
LDO Controller allows the use of a low cost
pass transistor for the I/O supply
8 pin SOIC combines switching and linear
controller
Internal Pre-regulator Eliminates Cross talk
between Switching & Linear regulators
Automatic shut down of the linear regulator
when connected to the Vcc2 Det pin
On board MOSFET driver
Fastest transient response of any controller
method. ( 0 to 100% Duty Cycle in 100 nS )
1% internal voltage reference
Internal Under Voltage Lockout protects
MOSFET during start-up
APPLICATIONS
APPLICATIONS
Dual supply low voltage processor applications,
such as: P55C
™,CYRIX M2™, POWER PC™ and
AMD K6
™
Simple 5V to 3.3V switcher for Pentium with AGP
or Pentium II
™ applications
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
3033app1-1.1
CPU
I / O
Vcc2 Det
Core
5V
5V
12V
Q1
C1
L1
C3
Q2
D1
C2
L2
R4
R5
C7
R6
R7
C6
R8
R3
C5
1
2
3
4
5
6
7
8
Drv1V12swVfb1 Vhyst
Gnd
Vfb2
Drv2
V12
US3033
D2
R10
C8
R9


Similar Part No. - US3033CS

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
US3034CS UNISEM-US3034CS Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
US3036CS UNISEM-US3036CS Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
More results

Similar Description - US3033CS

ManufacturerPart #DatasheetDescription
logo
UNISEM
US2075 UNISEM-US2075 Datasheet
42Kb / 4P
PWM SWITCHER CONTROLLER & 7.5A LOW DROPOUT REGULATOR COMBO
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
logo
KEC(Korea Electronics)
KIA494AP KEC-KIA494AP Datasheet
159Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE-MODE PWM CONTROLLER IC)
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
International Rectifier
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
SHENZHEN FUMAN ELECTRON...
TC3842 FUMAN-TC3842 Datasheet
275Kb / 6P
PWM controller IC
logo
First Silicon Co., Ltd
FA494AP FS-FA494AP Datasheet
154Kb / 6P
Voltage-Mode PWM Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com