Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3033CS Datasheet(PDF) 8 Page - UNISEM

Part # US3033CS
Description  PWM SWITCHER & LINEAR CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3033CS Datasheet(HTML) 8 Page - UNISEM

  US3033CS Datasheet HTML 1Page - UNISEM US3033CS Datasheet HTML 2Page - UNISEM US3033CS Datasheet HTML 3Page - UNISEM US3033CS Datasheet HTML 4Page - UNISEM US3033CS Datasheet HTML 5Page - UNISEM US3033CS Datasheet HTML 6Page - UNISEM US3033CS Datasheet HTML 7Page - UNISEM US3033CS Datasheet HTML 8Page - UNISEM US3033CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
US3033
4-8
Rev. 1.5
1/14/99
APPLICATION INFORMATION
APPLICATION INFORMATION
Introduction
The US3033 device is an application specific product
designed to provide an on board dual supply for the new
generation of microprocessors requiring separate Core
and I/O supplies. One of the processors fitting this re-
quirement is the new Intel P55C
™ multimedia micro-
processor. Intel specifies a Core voltage of 2.8V nominal
(
±100mV max) with maximum Core supply current of
6A while the I/O supply is set for 3.3V with a maximum
I/O current of 0.65A. However in most applications the I/
O regulator also provides the voltage for other IC func-
tions such as the chip set ,Cache,....etc. Typically a
low cost solution such as a Low Dropout Linear Regula-
tor (LDO) is selected to provide the I/O supply with the
maximum designed current of 3A , keeping the power
dissipation and the heat sink to a reasonable size. The
Core supply regulator however if also selected to be a
linear regulator , will be dissipating a maximum of 12.6W
((5V-2.8V)X5.7A) of power, which requires a substantial
amount of heat sinking and perhaps forced air cooling in
order to keep it operational. Some manufacturers sug-
gest using two regulators to current share and therefore
distribute the power dissipation equally between the regu-
lators. The problem is that , in order to equally current
share you need to sense both currents and force the
slave regulator to match the master regulator. This can
be done , but at the cost of the circuit complexity and
much higher system cost and the total power dissipa-
tion is still the same. In fact, if the task is to design a
flexible motherboard to accommodate the Cyrix 6X86L
or their future MMX processors as well, then the power
dissipation could easily reach 20W or more. At this power
dissipation level the choice for a switching regulator
approach becomes evident. However the main reason
that designers have always shied away from the switch-
ing regulators is their higher price tag and more com-
plex circuit design that is associated with this kind of
technique.
The US3033 device is designed to take advantage
of the high efficiency of the switching regulator
technique for the Core supply while maintaining
the low cost LDO regulator for the I/O supply by
offering both control functions in a single 8 pin sur-
face mount package. In fact as the typical application
circuit shows, one can design a complete flexible
motherboard using the US3033 and a few external com-
ponents yielding a very low component count switching
regulator and with an addition of a low cost pass transis-
tor for the I/O supply provide a complete dual supply
power soloution.
LDO Section
The output voltage of the LDO regulator is externally pro-
grammable via 2 external resistors from 1.25V to 5V.
The internal voltage reference of the The LDO regulator
is set to 1.25V and the output of the regulator can be
programmed using the following formula:
Vout=(1+R1/R2)xVref
Where Vref=1.25V Typical
R1=Resistor connected from Vout to the Vfb2 pin of
US3033
R2=Resistor connected from Vfb2 pin to GND.
The US3033 requires the use of an output capacitor as
part of the frequency compensation in order to be stable.
Typical designs for the microprocessor applications use
standard electrolytic capacitors with typical ESR in the
range of 50 to 100 m
Ω and an output capacitance of 500
to 1000uF. Fortunately as the capacitance increases,
the ESR decreases resulting in a fixed RC time con-
stant. The US3033 takes advantage of this phenomena
in making the overall regulator loop stable. For most ap-
plications a minimum of 100uF aluminum electrolytic
capacitor such as Sanyo, MVGX series ,Panasonic FA
series or Nichicon PL series insures both stability and
good transient response.
An external filtering is suggested as shown in the appli-
cation circuit that reduces the switching ripple that might
show in the output of the LDO regulator.
Switching Controller Operation
The operation of the switching controller is as follows :
after the power is applied, the output drive, "Drv1" goes
to 100% duty cycle and the the current in the inductor
charges the output capacitor causing the output voltage
to increase. When output reaches a pre-programmed
set point the feedback pin "Fb1" exceeds 1.25V caus-
ing the output drive to switch low and the "Vhyst" pin to
switch high which jumps the feedback pin higher than
1.25V resulting in a fixed output ripple which is given by
the following equation :
∆Vo=(Rt/Rh)x11
Where:
Rt=Top resistor of the output divider, resistor connected
from Vout to the Vfb1 pin of US3033
Rh=Bottom resistor of the divider, resistor connected from
Vfb1 pin to Vhyst pin.
For example, if Rt=1k and Rh=422k, then the output
ripple is :
∆Vo=(1/422)x11=26mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com