Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3033CS Datasheet(PDF) 9 Page - UNISEM

Part # US3033CS
Description  PWM SWITCHER & LINEAR CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3033CS Datasheet(HTML) 9 Page - UNISEM

  US3033CS Datasheet HTML 1Page - UNISEM US3033CS Datasheet HTML 2Page - UNISEM US3033CS Datasheet HTML 3Page - UNISEM US3033CS Datasheet HTML 4Page - UNISEM US3033CS Datasheet HTML 5Page - UNISEM US3033CS Datasheet HTML 6Page - UNISEM US3033CS Datasheet HTML 7Page - UNISEM US3033CS Datasheet HTML 8Page - UNISEM US3033CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
US3033
4-9
Rev. 1.5
1/14/99
The advantage of fixed output ripple is that when the
output voltage changes from 2V to 3.5V, the ripple volt-
age remains the same which is important in meeting the
Intel maximum tolerance specification.
Switcher Output Voltage Setting
The output voltage of the switcher can be set using the
following equations.
Assuming , Vo=3.38V and the selected output ripple is
≈ 1.3%(44mV) of the output voltage, a set of equations
are derived that selects the resistor divider and the
hysterises resistor.
Assuming, Rt=1k
Ω , 1%
Rh=(11*Rt)/
∆Vo
Where:
Rt=Top resistor of the resistor divider
Rh=Hysterises resistor connected between pins 3 and
4 of the US3033
∆Vo=Selected output ripple (typically 1% to 2% of out-
put voltage)
Assuming,
∆Vo=44mV
Rh=(11*1000)/0.044=250 k
Ω
Select Rh=249 k
Ω , 1%
The bottom resistor of the divider is then calculated us-
ing the following equations:
Rb=Rt/X
Where:
Rb=Bottom resistor of the divider
X=
[(Vo + (∆Vo/2))/Vref] - 1
Vref=1.25 V typ.
X=
[(3.38+ (0.044/2))/1.25] - 1 = 1.72
Rb=1000/1.72=580
Ω
Select Rb=576
Ω , 1%
Frequency Calculation
The US3033 frequency of operation is calculated using
the following formula:
Fs=
[(Vo*(1-D)*ESR)]/(L*∆Vo) (MHz)
Where:
Vo=Output voltage (V)
D=Duty cycle
ESR=Output capacitor ESR (V)
L=Output inductance (uH)
∆Vo=Output ripple voltage (V)
For our example:
D
≈(Vo + Vf)/Vin
Where, Vf=Forward voltage drop of the Schotky diode
D=(3.38 + 0.5)/5=0.78
The ESR=18m
Ω for 2 of the Sanyo 1500uF, 6MV1500GX
caps. If L=3.5uH then, Fs is calculated as follows:
Fs=
[(3.38*(1-0.78)*0.018)]/(3.5*0.044)= 0.087 Mhz
= 87 kHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com