Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8450QT Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Sensors
21
Freescale Semiconductor
MMA8450Q
6.1
Data Registers
The following are the data registers for the MMA8450Q. For more information on data manipulation of the MMA8450Q, refer
to application note, AN3922.
0x00, 0x04, 0x0B: STATUS Registers
.
When FDE bit found in register 0x16 (XYZ_DATA_CFG), bit 7 is cleared (the FIFO is not on) register 0x00, 0x04 and 0x0B
should all be the same value and reflect the real-time status information of the X, Y and Z sample data. When FDE is set (the
FIFO is on) Register 0x00, 0x04 and 0x10 will have the same value and 0x0B will reflect the status of the transient data. The
aliases allow the STATUS register to be read easily before reading the current 8-bit, 12-bit, or FIFO sample data using the register
address auto-incrementing mechanism.
ZYXOW is set whenever a new acceleration data is produced before completing the retrieval of the previous set. This event
occurs when the content of at least one acceleration data register (i.e., OUTX, OUTY, OUTZ) has been overwritten. ZYXOW is
cleared when the high-bytes of the acceleration data (OUTX_MSB, OUTY_MSB, OUTZ_MSB) of all the active channels are read.
ZOW is set whenever a new acceleration sample related to the Z-axis is generated before the retrieval of the previous sample.
When this occurs the previous sample is overwritten. ZOW is cleared anytime OUTZ_MSB register is read.
YOW is set whenever a new acceleration sample related to the Y-axis is generated before the retrieval of the previous sample.
When this occurs the previous sample is overwritten. YOW is cleared anytime OUTY_MSB register is read.
XOW is set whenever a new acceleration sample related to the X-axis is generated before the retrieval of the previous sample.
When this occurs the previous sample is overwritten. XOW is cleared anytime OUTX_MSB register is read.
ZYXDR signals that a new sample for any of the enabled channels is available. ZYXDR is cleared when the high-bytes of the
acceleration data (OUTX_MSB, OUTY_MSB, OUTZ_MSB) of all the enabled channels are read.
ZDR is set whenever a new acceleration sample related to the Z-axis is generated. ZDR is cleared anytime OUTZ_MSB register
is read. In order to enable the monitoring and assertion of this bit, the ZDR bit requires the Z-axis event detection flag to be
enabled (bit ZDEFE = 1 inside XYZ_DATA_CFG register).
Alias for DR_Status (0x0B) or F_Status (0x10) (Read Only)
FDE (FIFO Data Enable Bit 7, Reg 0x16) Setting
Alias Status
FDE = 0
0x00 = 0x04 = DR_STATUS (0x0B)
FDE = 1
0x00 = 0x04 = F_STATUS (0x10)
0X00, 0X04, 0X0B STATUS: Data Status Registers (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZYXOW
ZOW
YOW
XOW
ZYXDR
ZDR
YDR
XDR
Table 12. STATUS Description
ZYXOW
X, Y, Z-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous X, Y, or Z data was overwritten by new X, Y, or Z data before it was read
ZOW
Z-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous Z-axis data was overwritten by new Z-axis data before it was read
YOW
Y-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous Y-axis data was overwritten by new Y-axis data before it was read
XOW
X-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous X-axis data was overwritten by new X-axis data before it was read
ZYXDR
X, Y, Z-axis new Data Ready. Default value: 0
0: No new set of data ready
1: A new set of data is ready
ZDR
Z-axis new Data Available. Default value: 0
0: No new Z-axis data is ready
1: A new Z-axis data is ready
YDR
Z-axis new Data Available. Default value: 0
0: No new Y-axis data ready
1: A new Y-axis data is ready
XDR
Z-axis new Data Available. Default value: 0
0: No new X-axis data ready
1: A new X-axis data is ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com