Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8450QT Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Sensors
Freescale Semiconductor
20
MMA8450Q
Note: Auto-increment addresses which are not a simple increment are highlighted in bold. The auto-increment addressing is only enabled when
device registers are read using I2C burst read mode. Therefore the internal storage of the auto-increment address is clear whenever a
stop-bit is detected.
PL_P_L_THS_REG2(1)(4)
R/W
0x1E
0x1F
00100010
Portrait-to-Landscape Trip Angle is 30°
PL_P_L_THS_REG3(1)(4)
R/W
0x1F
0x20
11010100
Portrait-to-Landscape Trip Angle is 30°
PL_L_P_THS_REG1(1)(4)
R/W
0x20
0x21
00101101
Landscape-to-Portrait Trip Angle is 60°
PL_L_P_THS_REG2(1)(4)
R/W
0x21
0x22
01000001
Landscape-to-Portrait Trip Angle is 60°
PL_L_P_THS_REG3(1)(4)
R/W
0x22
0x23
10100010
Landscape-to-Portrait Trip Angle is 60°
FF_MT_CFG_1(1)(4)
R/W
0x23
0x24
00000000
Freefall/Motion1 configuration
FF_MT_SRC_1(1)(2)
R
0x24
0x25
00000000
Freefall/Motion1 event source register
FF_MT_THS_1(1)(3)
R/W
0x25
0x26
00000000
Freefall/Motion1 threshold register
FF_MT_COUNT_1(1)(3)
R/W
0x26
0x27
00000000
Freefall/Motion1 debounce counter
FF_MT_CFG_2(1)(4)
R/W
0x27
0x28
00000000
Freefall/Motion2 configuration
FF_MT_SRC_2(1)(2)
R
0x28
0x29
00000000
Freefall/Motion2 event source register
FF_MT_THS_2(1)(3)
R/W
0x29
0x2A
00000000
Freefall/Motion2 threshold register
FF_MT_COUNT_2(1)(3)
R/W
0x2A
0x2B
00000000
Freefall/Motion2 debounce counter
TRANSIENT_CFG(1)(4)
R/W
0x2B
0x2C
00000000
Transient configuration
TRANSIENT_SRC(1)(2)
R
0x2C
0x2D
00000000
Transient event status register
TRANSIENT_THS(1)(3)
R/W
0x2D
0x2E
00000000
Transient event threshold
TRANSIENT_COUNT(1)(3)
R/W
0x2E
0x2F
00000000
Transient debounce counter
PULSE_CFG(1)(4)
R/W
0x2F
0x30
00000000
ELE, Double_XYZ or Single_XYZ
PULSE_SRC(1)(2)
R
0x30
0x31
00000000
EA, Double_XYZ or Single_XYZ
PULSE_THSX(1)(3)
R/W
0x31
0x32
00000000
X and Y pulse threshold
PULSE_THSY(1)(3)
R/W
0x32
0x33
00000000
Z pulse threshold
PULSE_THSZ(1)(3)
R/W
0x33
0x34
00000000
Z pulse threshold
PULSE_TMLT(1)(4)
R/W
0x34
0x35
00000000
Time limit for pulse
PULSE_LTCY(1)(4)
R/W
0x35
0x36
00000000
Latency time for 2nd pulse
PULSE_WIND(1)(4)
R/W
0x36
0x37
00000000
Window time for 2nd pulse
ASLP_COUNT(1)(4)
R/W
0x37
0x38
00000000
Counter setting for auto-sleep
CTRL_REG1(1)(4)
R/W
0x38
0x39
00000000
ODR = 400Hz, Standby Mode.
CTRL_REG2(1)(4)
R/W
0x39
0x3A
00000000
ST = Disabled, SLPE = Disabled,
MODS = normal mode.
CTRL_REG3(1)(4)
R/W
0x3A
0x3B
00000000
IPOL, PP_OD
CTRL_REG4(1)(4)
R/W
0x3B
0x3C
00000000
Interrupt enable register
CTRL_REG5(1)(4)
R/W
0x3C
0x3D
00000000
Interrupt pin (INT1/INT2) map configuration
OFF_X(1)(4)
R/W
0x3D
0x3E
00000000
X-axis offset adjust
OFF_Y(1)(4)
R/W
0x3E
0x3F
00000000
Y-axis offset adjust
OFF_Z(1)(4)
R/W
0x3F
0x0F
00000000
Z-axis offset adjust
1. Register contents are preserved when transition from “ACTIVE” to “STANDBY” mode occurs.
2. Register contents are reset when transition from “STANDBY” to “ACTIVE” mode occurs.
3. Modification of this register’s contents can only occur when device is “STANDBY” mode
4. Register contents can be modified anytime in “STANDBY” or “ACTIVE” mode. A write to this register will cause a reset of the corresponding
internal system debounce counter.
Table 11. Register Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com