Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8450QT Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
Sensors
33
Freescale Semiconductor
MMA8450Q
Figure 12. DBCNTM Bit Function
0x26: FF_MT_COUNT_1 Freefall Motion Count 1 Register
This register sets the number of debounce sample counts for the event trigger.
D7 - D0 define the number of debounce sample counts for the event trigger. When the debounce counter exceeds the
FF_MT_COUNT_1 value, a Freefall/Motion event flag is set. The time step used for the debounce sample count depends on the
ODR chosen (Table 37).
An ODR of 100 Hz and a FF_MT_COUNT_1 value of 15 would result in a debounce response time of 150 ms.
0x26 FF_MT_COUNT_1 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 36. FF_MT_COUNT_1 Description
D[7-0]
Count value. Default value: 0000_0000
Table 37. FF_MT_COUNT_1 and FF_MT_COUNT_2 Relationship with the ODR
Output Data Rate (Hz)
Step
Duration Range
400
2.5 ms
2.5 ms – 0.63s
200
5 ms
5 ms – 1.275s
100
10 ms
10 ms – 2.55s
50
20 ms
20 ms – 5.1s
12.5
80 ms
80 ms – 20.4s
1.56
640 ms
640 ms – 163s
Low g Event on
Count Threshold
FF_MT
EA FF
all 3-axis
(Freefall)
Counter
Value
Low g Event on
Count Threshold
FF_MT
(a)
all 3-axis
(Freefall)
Counter
Value
Low g Event on
Count Threshold
FF_MT
EA FF
all 3-axis
(Freefall)
Counter
Value
DBCNTM = 1
(b)
EA FF
DBCNTM = 0
(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com