Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8450QT Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Sensors
9
Freescale Semiconductor
MMA8450Q
2.2
Electrical Characteristics
Table 3. Electrical Characteristics @ VDD = 1.8 V, T = 25°C unless otherwise noted.(1)
1. Time to obtain valid data from Standby mode to Active mode.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
1.71
1.8
1.89
V
Low Power Mode
$39 CTRL_REG2: MOD[0]=1
EN = 1, ODR = 1.563 Hz
IddLP
27
μA
EN = 1, ODR = 12.5 Hz
27
EN = 1, ODR = 50 Hz
27
EN = 1, ODR = 100 Hz
42
EN = 1, ODR = 200 Hz
72
EN = 1, ODR = 400 Hz
120
Normal Mode
$39 CTRL_REG2: MOD[0]=0
EN = 1, ODR = 1.563 Hz
Idd
42
μA
EN = 1, ODR = 12.5 Hz
42
EN = 1, ODR = 50 Hz
42
EN = 1, ODR = 100 Hz
72
EN = 1, ODR = 200 Hz
132
EN = 1, ODR = 400 Hz
225
Current Consumption in Shutdown Mode
EN = 0
IddSdn
<1
μA
Supply Current Drain in Standby Mode
EN = 1 and FS[1:0] = 00
IddStby
3
μA
Digital High Level Input Voltage
SCL, SDA, SA0, EN
VIH
0.75*VDD
V
Digital Low Level Input Voltage
SCL, SDA, SA0, EN
VIL
0.3*VDD
V
High Level Output Voltage
INT1, INT2
IO = 500 μA
VOH
0.9*VDD
V
Low Level Output Voltage
INT1, INT2
IO = 500 μA
VOL
0.1*VDD
V
Low Level Output Voltage
SDA
IO = 500 μAVOLS
0.1*VDD
V
Output Data Rate
ODR
0.9*ODR
ODR
1.1*ODR
Hz
Signal Bandwidth
BW
ODR/2
Hz
Boot Time from EN = 1 to Boot Complete
BT
1.55
ms
Turn-on time(1)
Ton
3/ODR
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com