Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8450QT Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Sensors
Freescale Semiconductor
8
MMA8450Q
2
Mechanical and Electrical Specifications
2.1
Mechanical Characteristics
Table 2. Mechanical Characteristics @ VDD = 1.8 V, T = 25°C unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Full Scale Measurement Range
FS[1:0] set to 01
FS
±1.8
±2
±2.2
g
FS[1:0] set to 10
±3.6
±4
±4.4
FS[1:0] set to 11
±7.2
±8
±8.8
Sensitivity
FS[1:0] set to 01
So
0.878
0.976
1.074
mg/digit
FS[1:0] set to 10
1.758
1.953
2.148
FS[1:0] set to 11
3.515
3.906
4.296
Sensitivity Change vs. Temperature(1)
1. Before board mount.
FS[1:0] set to 01
TCSo
±0.05
%/°C
Typical Zero-g Level Offset (2)
2. See appendix for distribution graphs.
FS[1:0] set to 01
0g-Off
±40
mg
FS[1:0] set to 10
FS[1:0] set to 11
Typical Zero-g Offset Post Board Mount (2), (3)
3. Post board mount offset specification are based on an 8 layer PCB.
FS[1:0] set to 01
0g-OffBM
±50
mg
FS[1:0] set to 10
FS[1:0] set to 11
Typical Zero-g Offset Change vs. Temperature (2)
TCOff
±0.5
mg/°C
Non Linearity
Best Fit Straight Line
FS[1:0] set to 01
NL
±0.25
% FS
FS[1:0] set to 10
±0.5
FS[1:0] set to 11
±1
Self-test Output Change(4)
4. Self-test in one direction only. These are approximate values and can change by ±100 counts.
FS[1:0] set to 01, X-axis
Vst
-195
LSB
FS[1:0] set to 01, Y-axis
-195
FS[1:0] set to 01, Z-axis
+945
Output Noise
Normal Mode ODR = 400 Hz
Noise
375
μg/√Hz
Operating Temperature Range
Top
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com