Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8450QT Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA8450QT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
MMA8450Q
Rev 2, 03/2010
Freescale Semiconductor
Technical Data
An Energy Efficient Solution by Freescale
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2010. All rights reserved.
3-Axis,
8-bit/12-bit
Digital Accelerometer
The MMA8450Q is a smart low-power, three-axis, capacitive micromachined
accelerometer featuring 12 bits of resolution. This accelerometer is packed with
embedded functions with flexible user programmable options, configurable to
two interrupt pins. Embedded interrupt functions allow for overall power savings
relieving the host processor from continuously polling data. The MMA8450Q’s
Embedded FIFO buffer can be configured to log up to 32 samples of X,Y and
Z-axis 12-bit (or 8-bit for faster download) data. The FIFO enables a more
efficient analysis of gestures and user programmable algorithms, ensuring no
loss of data on a shared I2C bus, and enables system level power saving (up to
96% of the total power consumption savings) by allowing the applications
processor to sleep while data is logged. There is access to both low pass
filtered data as well as high pass filtered data, which minimizes the data
analysis required for jolt detection and faster transitions. The MMA8450Q has
user selectable full scales of ±2g/±4g/±8g. The device can be configured to
generate inertial wake-up interrupt signals from any combination of the
configurable embedded functions allowing the MMA8450Q to monitor events
and remain in a low power mode during periods of inactivity. The MMA8450Q
is available in a 3 x 3 x 1 mm QFN package.
Features
•
1.71 V to 1.89 V supply voltage
•
±2g/±4g/±8g dynamically selectable full-scale
•
Output Data Rate (ODR) from 400 Hz to 1.563 Hz
•375
μg/√Hz noise at normal mode ODR = 400 Hz
•
12-bit digital output
•I2C digital output interface (operates up to 400 kHz Fast Mode)
•
Programmable 2 interrupt pins for 8 interrupt sources
•
Embedded 4 channels of motion detection
–
Freefall or motion detection: 2 channels
–
Pulse Detection: 1 channel
–
Transient (Jolt) Detection: 1 channel
•
Orientation (Portrait/Landscape) detection with hysteresis compensation
•
Automatic ODR change for auto-wake and return-to-sleep
•
32 sample FIFO
•
Self-Test
•
10,000g high shock survivability
•
RoHS compliant
Typical Applications
•
Static orientation detection (portrait/landscape, up/down, left/right, back/
front position identification)
•
Real-time orientation detection (virtual reality and gaming 3D user position feedback)
•
Real-time activity analysis (pedometer step counting, freefall drop detection for HDD, dead-reckoning GPS backup)
•
Motion detection for portable product power saving (auto-sleep and auto-wake for cell phone, PDA, GPS, gaming)
•
Shock and vibration monitoring (mechatronic compensation, shipping and warranty usage logging)
•
User interface (menu scrolling by orientation change, tap detection for button replacement
ORDERING INFORMATION
Part Number
Temperature Range
Package Drawing
Package
MMA8450QT
-40°C - +85°C
QFN-16
Tray
MMA8450QR1
-40°C - +85°C
QFN-16
Tape and Reel
1
GND
VDD
SCL
NC
INT2
INT1
GND
GND
NC
GND
MMA8450Q
2
16
12
13
14
15
11
10
3
4
5
6
7
8
9
16 Pin QFN
3mm x 3 mm x 1mm
16 PIN QFN
CASE 2077-01
MMA8450Q
MMA8450Q: XYZ-AXIS
ACCELEROMETER
±2g/±4g/±8g
Top and Bottom View
Top View
Pin Connections


Similar Part No. - MMA8450QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8450QT FREESCALE-MMA8450QT Datasheet
399Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450QT NXP-MMA8450QT Datasheet
670Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
More results

Similar Description - MMA8450QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q_12 Datasheet
447Kb / 52P
3-Axis, 14-bit 8-bit Digital Accelerometer
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
3-Axis, 12-bit/8-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8453QR1 FREESCALE-MMA8453QR1 Datasheet
1Mb / 47P
Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
MMA8491Q NXP-MMA8491Q Datasheet
659Kb / 28P
3-Axis Multifunction Digital Accelerometer
Rev. 2.1-26 April 2016
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com