Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC5200B_10 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
Freescale Semiconductor
25
Figure 11. Timing Diagram—Non-MUXed Mode
1.3.8.2
Burst Mode
Table 25. Burst Mode Timing
Sym
Description
Min
Max
Units Notes SpecID
tCSA
PCI CLK to CS assertion
4.6
10.6
ns
—
A7.22
tCSN
PCI CLK to CS negation
2.9
7.0
ns
—
A7.23
t1
CS pulse width
(1 + WS + 4LB ×2
×(32/DS))×tPCIck
(1 + WS + 4LB ×2×
(32/DS)) × tPCIck
ns
(1),(2)
A7.24
t2
ADDR valid before CS assertion
tIPBIck
tPCIck
ns
—
A7.25
t3
ADDR hold after CS negation
–0.7
—ns
—
A7.26
t4
OE assertion before CS assertion
—4.8
ns
—
A7.27
t5
OE negation before CS negation
—2.7
ns
—
A7.28
t6
RW valid before CS assertion
tPCIck
—ns
—
A7.29
t7
RW hold after CS negation
tPCIck
—ns
—
A7.30
t8
DATA setup before rising edge of
PCI clock
3.6
—ns
—
A7.31
ADDR
DATA (rd)
CS[x]
R/W
DATA (wr)
OE
t10
t11
TS
t2
t6
t8
t7
t4
t3
t9
TSIZ[1:2]
t5
t17
t16
ACK
t12
t13
t14
t15
t1
PCI CLK
t18
t19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com