Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC5200B_10 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
Freescale Semiconductor
43
Figure 33. Timing Diagram — SPI Slave Mode, Format 0 (CPHA = 0)
NOTE
Output timing is specified at a nominal 50 pF load.
Table 38. Timing Specifications — SPI Master Mode, Format 1 (CPHA = 1)
Sym
Description
Min
Max
Units
SpecID
1
Cycle time
4
1024
IP-Bus Cycle(1)
1 Inter Peripheral Clock is defined in the MPC5200B User’s Manual (MPC5200BUM).
A11.21
2
Clock high or low time
2
512
IP-Bus Cycle(1)
A11.22
3
Slave select to clock delay
15.0
—
ns
A11.23
4
Output data valid
—
20.0
ns
A11.24
5
Input Data setup time
20.0
—
ns
A11.25
6
Input Data hold time
20.0
—
ns
A11.26
7
Slave disable lag time
15.0
—
ns
A11.27
8
Sequential Transfer delay
1
—
IP-Bus Cycle(1)
A11.28
9
Clock falling time
—
7.9
ns
A11.29
10
Clock rising time
—
7.9
ns
A11.30
SCK
(CLKPOL=0)
SCK
(CLKPOL=1)
MOSI
Input
Input
Input
SS
Input
MISO
Output
1
22
9
3
7
4
6
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com