Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC5200B_10 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
58
Freescale Semiconductor
2.2
Mechanical Dimensions
Figure 50 provides the mechanical dimensions, top surface, side profile, and pinout for the MPC5200B, 272 TE-PBGA
package.
Figure 50. Mechanical Dimensions and Pinout Assignments for the MPC5200B, 272 TE-PBGA
CASE 1135A–01
ISSUE B
DATE 10/15/1997
C
B
DIM
MIN
MAX
MILLIMETERS
A
2.05
2.65
A1
0.50
0.70
A2
0.50
0.70
A3
1.05
1.25
b
0.60
0.90
D
27.00 BSC
D1
24.13 REF
D2
23.30
24.70
E
27.00 BSC
E1
24.13 REF
E2
23.30
24.70
e
1.27 BSC
NOTES:
1. DIMENSIONS AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS.
3. DIMENSION IS MEASURED AT THE MAXIMUM
SOLDER BALL DIAMETER PARALLEL TO
PRIMARY DATUM A.
4. PRIMARY DATUM A AND THE SEATING PLANE
ARE DEFINED BY THE SPHERICAL CROWNS OF
THE SOLDER BALLS.
PIN A1
E2
D2
D
E
B
M
0.2
INDEX
C
0.2
4X
TOP VIEW
(D1)
A
(E1)
4X
e
19X
e
/2
19X
e
123
5
4
6789 10 11 12 13 14 15 16 17 18 19
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
20
V
W
Y
272X
b 3
C
B
M
0.3
A
M
0.15
A
SIDE VIEW
0.35 A
A
0.2 A
272X
A
BOTTOM VIEW
A2
A1
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com