Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5200B_10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
6
Freescale Semiconductor
Input leakage current
RTC_XTAL_IN
Vin = 0 or VDD_IO
IIN
—
±10
μA
D3.15
Input current, pullup resistor
PULLUP
VDD_IO
Vin = 0
IINpu
40
109
μA
D3.16
Input current, pullup resistor
— memory I/O buffers
PULLUP_MEM
VDD_IO_MEMSDR
Vin = 0
IINpu
41
111
μA
D3.17
Input current, pulldown
resistor
PULLDOWN
VDD_IO
Vin = VDD_IO
IINpd
36
106
μA
D3.18
Output high voltage
IOH is driver dependent(2)
VDD_IO, VDD_IO_MEMSDR
VOH
2.4
—
V
D3.19
Output high voltage
IOH is driver dependent(2)
VDD_IO_MEMDDR
VOHDDR
1.7
—
V
D3.20
Output low voltage
IOL is driver dependent(2)
VDD_IO, VDD_IO_MEMSDR
VOL
—
0.4
V
D3.21
Output low voltage
IOL is driver dependent(2)
VDD_IO_MEMDDR
VOLDDR
—
0.4
V
D3.22
DC Injection Current Per
Pin(3)
ICS
–1.0
1.0
mA
D3.23
Capacitance
Vin = 0 V, f = 1 MHz
Cin
—
15
pF
D3.24
1 Leakage current is measured with output drivers disabled and pull-up/pull-downs inactive.
2 See Table 4 for the typical drive capability of a specific signal pin based on the type of output driver associated with that
pin as listed in Table 52.
3 All injection current is transferred to VDD_IO/VDD_IO_MEM. An external load is required to dissipate this current to
maintain the power supply within the specified voltage range. Total injection current for all digital input-only and all digital
input/output pins must not exceed 10 mA. Exceeding this limit can cause disruption of normal operation.
Table 4. Drive Capability of MPC5200B Output Pins
Driver Type
Supply Voltage
IOH
IOL
Unit
SpecID
DRV4
VDD_IO = 3.3 V
4
4
mA
D3.25
DRV8
VDD_IO = 3.3 V
8
8
mA
D3.26
DRV8_OD
VDD_IO = 3.3 V
—
8
mA
D3.27
DRV16_MEM
VDD_IO_MEM = 3.3 V
16
16
mA
D3.28
DRV16_MEM
VDD_IO_MEM = 2.5 V
16
16
mA
D3.29
PCI
VDD_IO = 3.3 V
16
16
mA
D3.30
Table 3. DC Electrical Specifications (continued)
Characteristic
Condition
Sym
Min
Max
Unit
SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com