Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5200B_10 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
Freescale Semiconductor
47
1.3.16
PSC
1.3.16.1
Codec Mode (8-,16-, 24-, and 32-bit)/I2S Mode
NOTE
Output timing is specified at a nominal 50 pF load.
Figure 37. Timing Diagram — 8-, 16-, 24-, and 32-bit CODEC / I2S Master Mode
Table 42. Timing Specifications—8-, 16-, 24-, and 32-bit CODEC / I2S Master Mode
Sym
Description
Min
Typ
Max
Units
SpecID
1
Bit Clock cycle time, programmed in CCS register
40.0
—
—
ns
A15.1
2
Clock duty cycle
—
50
—
%(1)
1 Bit Clock cycle time.
A15.2
3
Bit Clock fall time
—
—
7.9
ns
A15.3
4
Bit Clock rise time
—
—
7.9
ns
A15.4
5
FrameSync valid after clock edge
—
—
8.4
ns
A15.5
6
FrameSync invalid after clock edge
—
—
8.4
ns
A15.6
7
Output Data valid after clock edge
—
—
9.3
ns
A15.7
8
Input Data setup time
6.0
—
—
ns
A15.8
BitClk
5
3
4
3
4
(CLKPOL=0)
BitClk
(CLKPOL=1)
FrameSync
(SyncPol = 1)
TxD
Output
Output
Output
6
7
8
Output
FrameSync
(SyncPol = 0)
Output
RxD
Input
1
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com