Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC5200B_10 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
66
Freescale Semiconductor
3.3.2
Pull-up Requirements for the PCI Control Lines
If the PCI interface is NOT used (and internally disabled) the PCI control pins must be terminated as indicated by the PCI Local
Bus specification. This is also required for MOST/Graphics and Large Flash Mode.
PCI control signals always require pull-up resistors on the motherboard (not the expansion board) to ensure that they contain
stable values when no agent is actively driving the bus. This includes PCI_FRAME, PCI_TRDY, PCI_IRDY, PCI_DEVSEL,
PCI_STOP, PCI_SERR, PCI_PERR, and PCI_REQ.
3.3.3
Pull-up/Pull-down Requirements for MEM_MDQS Pins (SDRAM)
The MEM_MDQS[3:0] signals are not used with SDR memories and require pull-up or pull-down resistors in SDRAM mode.
3.3.4
.
Pull-up/Pull-down Requirements for MEM_MDQS Pins (DDR 16-bit
Mode)
The MEM_MDQS[1:0] signals are not used in DDR 16-bit mode and require pull-down resistors.
3.4
JTAG
The MPC5200B provides the user an IEEE 1149.1 JTAG interface to facilitate board/system testing. It also provides a Common
On-Chip Processor (COP) Interface, which shares the IEEE 1149.1 JTAG port. The COP Interface provides access to the
MPC5200B's embedded Freescale (formerly Motorola) MPC603e e300 processor. This interface provides a means for
executing test routines and for performing software development and debug functions.
3.4.1
JTAG_TRST
Boundary scan testing is enabled through the JTAG interface signals. The JTAG_TRST signal is optional in the IEEE 1149.1
specification but is provided on all processors that implement the PowerPC architecture. To obtain a reliable power-on reset
performance, the JTAG_TRST signal must be asserted during power-on reset.
3.4.1.1
JTAG_TRST and PORRESET
The JTAG interface can control the direction of the MPC5200B I/O pads via the boundary scan chain. The JTAG module must
be reset before the MPC5200B comes out of power-on reset; do this by asserting JTAG_TRST before PORRESET is released.
For more details refer to the Reset and JTAG Timing Specification.
Figure 53. PORRESET vs. JTAG_TRST
3.4.1.2
Connecting JTAG_TRST
The wiring of the JTAG_TRST depends on the existence of a board-related debug interface. (see below)
JTAG_TRST
PORRESET
Required assertion of JTAG_TRST
Optional assertion of JTAG_TRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com