Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606BEMLLR Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC5606BEMLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606BEMLLR Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC5606BEMLLR Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
56
3.17.3
ADC electrical characteristics
Table 37. ADC input leakage current
Symbol C
Parameter
Conditions
Value
Unit
Min
Typ
Max
ILKG CC C Input leakage current TA = −40 °C No current injection on adjacent pin
—
1
—
nA
CTA = 25 °C
—
1
—
CTA = 105 °C
—
8
200
PTA = 125 °C
—
45
400
Table 38. ADC conversion characteristics (10-bit ADC0)
Symbol
C
Paramete
r
Conditions1
Value
Unit
Min
Typ
Max
VSS_ADC0
SR
—
Voltage on
VSS_HV_
ADC0
(ADC0
reference)
pin with
respect to
ground
(VSS)
2
—
−0.1
—
0.1
V
VDD_ADC0
SR
—
Voltage on
VDD_HV_
ADC pin
(ADC
reference)
with
respect to
ground
(VSS)
—VDD−0.1
—
VDD+0.1
V
VAINx
SR
—
Analog
input
voltage3
—VSS_ADC0
−0.1
—VDD_ADC0
+0.1
V
fADC0
SR
—
ADC0
analog
frequency
—
6—
32 + 4%
MHz
Δ
ADC0_SY
S
SR
—
ADC0
digital
clock duty
cycle
(ipg_clk)
ADCLKSEL = 14
45
—
55
%
tADC0_PU
SR
—
ADC0
power up
delay
—
——
1.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com