Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606BEMLLR Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC5606BEMLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606BEMLLR Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC5606BEMLLR Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
65
IDD_BV(ADC
)
CC
T
ADC
supply
current on
VDD_BV
VDD = 5.5
V
Ballast
static
consumpti
on (no
conversion
)
0.0409 * fperiph
mA
VDD = 5.5
V
Ballast
dynamic
consumpti
on
(continuus
conversion
)
0.0049 * fperiph
IDD_HV_AD
C(ADC)
CC
T
ADC
supply
current on
VDD_HV_AD
C
VDD = 5.5
V
Analog
static
consumpti
on (no
conversion
)
0.0017 * fperiph
VDD = 5.5
V
Analog
dynamic
consumpti
on
(continuus
conversion
)
0.075 * fperiph + 0.032
IDD_HV(FLA
SH)
CC
T
CFlash +
DFlash
supply
current on
VDD_HV_AD
C
VDD = 5.5
V
-
13.25
IDD_HV(PLL)
CC
T
PLL supply
current on
VDD_HV
VDD = 5.5
V
-
0.0031 * fperiph
1 Operating conditions: T
A = 25 °C, fperiph = 8 MHz to 64 MHz
Table 40. On-chip peripherals current consumption1 (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com