Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606BEMLLR Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC5606BEMLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606BEMLLR Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC5606BEMLLR Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
66
3.18.2
DSPI characteristics
Table 41. DSPI characteristics
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1tSCK
SR
D
SCK cycle time
64
—
—
ns
—fDSPI
SR
D
DSPI digital controller
frequency
——
fCPU
MHz
—
Δt
CSC
CC
D
Internal delay
between pad
associated to SCK
and pad associated to
CSn in master mode
——
1201
ns
2tCSCext
2
CC
D
CS to
SCK delay
Master
mode
tCSCext = tCSC + ΔtCSC
ns
SR
D
Slave
mode
32
—
—
3tASCext
3
CC
D
After SCK
delay
Master
mode
tASCext = tASC + ΔtCSC
ns
SR
D
Slave
mode
1/fDSPI + 5
ns
——
ns
4tSDC
CC
D
SCK duty
cycle
Master
mode
—tSCK/2
—ns
SR
D
Slave
mode
tSCK/2
——
5tA
SR
D
Slave
access
time
—27—
—
ns
6tDI
SR
D
Slave
SOUT
disable
time
—0—
—
ns
7tSUI
SR
D
Data
setup time
for inputs
Master
(MTFE =
0)
35
—
—
ns
Slave
5
—
—
Master
(MTFE =
1)
35
—
—
8tHI
SR
D
Data hold
time for
inputs
Master
(MTFE =
0)
0—
—
ns
Slave
24
——
Master
(MTFE =
1)
0—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com