Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606BEMLLR Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5606BEMLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606BEMLLR Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5606BEMLLR Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
14
NOTE
Stresses exceeding the recommended absolute maximum ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification are not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. During overload conditions (VIN >VDD or
VIN <VSS), the voltage on pins with respect to ground (VSS) must not exceed the
recommended values.
3.4
Recommended operating conditions
IINJPAD
SR
Injected input
current on any
pin during
overload
condition
—
-10
10
mA
IINJSUM
SR
Absolute sum
of all injected
input currents
during overload
condition
—
-50
50
IAVGSEG
SR
Sum of all the
static I/O
current within a
supply
segment
VDD = 5.0 V ±
10%, PAD3V5V
= 0
70
mA
VDD = 3.3 V ±
10%, PAD3V5V
= 1
64
TSTORAGE
SR
Storage
temperature
—
-55
150
°C
Table 8. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
1
SR Voltage on VDD_HV pins with respect
to ground (VSS)
—3.0
3.6
V
VSS_LV
2
SR Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground
(VSS)
—VSS−0.1 VSS+0.1
V
VDD_BV
3
SR Voltage on VDD_BV pin (regulator
supply) with respect to ground (VSS)
—3.0
3.6
V
Relative to VDD
VDD−0.1 VDD+0.1
Table 7. Absolute maximum ratings (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com