Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606BEMLLR Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC5606BEMLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606BEMLLR Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC5606BEMLLR Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
64
3.18
On-chip peripherals
3.18.1
Current consumption
Table 40. On-chip peripherals current consumption1
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
IDD_BV(CAN
)
CC
T
CAN
(FlexCAN)
supply
current on
VDD_BV
500 Kbps
Total (static
+ dynamic)
consumpti
on:
• FlexCAN
in
loop-ba
ck mode
•XTAL@8
MHz
used as
CAN
engine
clock
source
• Message
sending
period is
580 µs
7.652 * fperiph + 84.73
µA
125 Kbps
8.0743 * fperiph + 26.757
IDD_BV(eMI
OS)
CC
T
eMIOS
supply
current on
VDD_BV
Static consumption:
• eMIOS channel OFF
• Global prescaler
enabled
28.7 * fperiph
Dynamic consumption:
• It does not change
varying the
frequency (0.003
mA)
3
IDD_BV(SCI)
CC
T
SCI
(LINFlex)
supply
current on
VDD_BV
Total (static + dynamic)
consumption:
• LIN mode
• Baudrate: 20 Kbps
4.7804 * fperiph + 30.946
IDD_BV(SPI)
CC
T
SPI (DSPI)
supply
current on
VDD_BV
Ballast static
consumption (only
clocked)
1
Ballast dynamic
consumption
(continuus
communication):
• Baudrate: 2 Mbit
• Trasmission every 8
µs
• Frame: 16 bits
16.3 * fperiph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com