Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606BEMLLR Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC5606BEMLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606BEMLLR Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC5606BEMLLR Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5606BEMLLR Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
73
3.18.3
Nexus characteristics
Figure 30. Nexus TDI, TMS, TDO timing
Table 42. Nexus characteristics
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1tTCYC
CC
D TCK cycle time
64
—
—
ns
2tMCYC
CC
D MCKO cycle time
32
—
—
ns
3tMDOV
CC
D MCKO low to MDO data valid
—
—
8
ns
4tMSEOV
CC
D MCKO low to MSEO_b data valid
—
—
8
ns
5tEVTOV
CC
D MCKO low to EVTO data valid
—
—
8
ns
6tNTDIS
CC
D TDI data setup time
15
—
—
ns
tNTMSS
CC
D TMS data setup time
15
—
—
ns
7tNTDIH
CC
D TDI data hold time
5
—
—
ns
tNTMSH
CC
D TMS data hold time
5
—
—
ns
8tTDOV
CC
D TCK low to TDO data valid
35
—
—
ns
9tTDOI
CC
D TCK low to TDO data invalid
6
—
—
ns
10
TCK
TMS, TDI
TDO
11
12
Note: Numbers shown reference Table 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com