Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4607 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4607
Description  2.5Ω, Dual, SPST, CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4607 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4607 Datasheet HTML 3Page - Maxim Integrated Products MAX4607 Datasheet HTML 4Page - Maxim Integrated Products MAX4607 Datasheet HTML 5Page - Maxim Integrated Products MAX4607 Datasheet HTML 6Page - Maxim Integrated Products MAX4607 Datasheet HTML 7Page - Maxim Integrated Products MAX4607 Datasheet HTML 8Page - Maxim Integrated Products MAX4607 Datasheet HTML 9Page - Maxim Integrated Products MAX4607 Datasheet HTML 10Page - Maxim Integrated Products MAX4607 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2.5
Ω, Dual, SPST,
CMOS Analog Switches
8
_______________________________________________________________________________________
Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by the
logic inputs, NO, or COM. If power-supply sequencing
is not possible, add two small signal diodes (D1, D2) in
series with supply pins for overvoltage protection
(Figure 1). Adding diodes reduces the analog signal
range to one diode drop below V+ and one diode drop
above V-, but does not affect the devices’ low switch
resistance and low leakage characteristics. Device
operation is unchanged, and the difference between
V+ and V- should not exceed 44V. These protection
diodes are not recommended when using a single supply.
Off-Isolation at High Frequencies
With the N.C. pins connected to GND, the high-fre-
quency on-response of these parts extends from DC to
above 100MHz with a typical loss of -2dB. When the
switch is turned off, however, it behaves like a capaci-
tor, and off-isolation decreases with increasing frequen-
cy. (Above 300MHz, the switch actually passes more
signal turned off than turned on.) This effect is more
pronounced with higher source and load impedances.
Above 5MHz, circuit-board layout becomes critical, and
it becomes difficult to characterize the response of the
switch independent of the circuit. The graphs shown in
the
Typical Operating Characteristics were taken using
a 50
Ω source and load connected with BNC connectors
to a circuit board deemed “average;” that is, designed
with isolation in mind, but not using strip-line or other
special RF circuit techniques. For critical applications
above 5MHz, use the MAX440, MAX441, and MAX442,
which are fully characterized up to 160MHz.
COM_
V-
V+
NO_
* INTERNAL PROTECTION DIODES
D2
D1
-15V
+15V
MAX4607
MAX4608
MAX4609
*
*
*
*
LOGIC
INPUT
V-
-15V
RL
100
Ω
NO_
OR NC_
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VO = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN_
COM_
SWITCH
OUTPUT
tr < 20ns
tf < 20ns
50%
0V
+3V
tOFF
0V
0.9V0
0.9V0
tON
VO
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
VL
V+
CL
35pF
+5V
+15V
VO
VCOM_
0
REPEAT TEST FOR EACH SWITCH. FOR LOAD
CONDITIONS, SEE ELECTRICAL CHARACTERISTICS.
MAX4607
MAX4608
MAX4609
Figure 1. Overvoltage Protection Using External Blocking
Diodes
Figure 2. Switching-Time Test Circuit
Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com