Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4607 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4607
Description  2.5Ω, Dual, SPST, CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4607 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4607 Datasheet HTML 1Page - Maxim Integrated Products MAX4607 Datasheet HTML 2Page - Maxim Integrated Products MAX4607 Datasheet HTML 3Page - Maxim Integrated Products MAX4607 Datasheet HTML 4Page - Maxim Integrated Products MAX4607 Datasheet HTML 5Page - Maxim Integrated Products MAX4607 Datasheet HTML 6Page - Maxim Integrated Products MAX4607 Datasheet HTML 7Page - Maxim Integrated Products MAX4607 Datasheet HTML 8Page - Maxim Integrated Products MAX4607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2.5
Ω, Dual, SPST,
CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = 0, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
-2.5
2.5
-2.5
2.5
-10
10
TA = TMIN to TMAX
V
TA = +25°C
GND
V+
VCOM_, VNO_,
VNC_
Input Voltage Range
(Note 3)
µA
IN_ = 0.8V, all others = 2.4V
V
IN_ = 2.4V, all others = 0.8V
ICOM_ = 10mA,
VNO_ or VNC_ = 10V
TA = +25°C
TA = +25°C
TA = +25°C
CONDITIONS
1.7
0.8
VIN_L
Logic Input Low Voltage
Ω
0.05
0.4
ΔRON
COM_ to NO_, COM_ to NC_
On-Resistance Match Between
Channels (Note 4)
Ω
36
RON
COM_ to NO_, COM_ to NC_
On-Resistance
V
2.4
1.7
VIN_H
Logic Input High Voltage
-0.500
0.001
0.500
IIN_L
Input Current with
Input Voltage Low
µA
-0.500
0.001
0.500
IIN_H
Input Current with
Input Voltage High
Ω
0.05
1.1
RFLAT(ON)
COM_ to NO_, COM_ to NC_
On-Resistance Flatness
(Note 5)
nA
-0.5
0.01
0.5
INO_
INC_
Off-Leakage Current
(NO_ or NC_) (Notes 6, 9)
nA
-0.5
0.01
0.5
ICOM_(OFF)
COM Off-Leakage Current
(Notes 6, 9)
nA
-1
0.01
1
ICOM_(ON)
COM On-Leakage Current
(Notes 6, 9)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ICOM_ = 10mA,
VNO_ or VNC_ = 10V
ICOM_ = 10mA,
VNO_ or VNC_ = 3V,
6V, 0V
TA = +25°C
VCOM_ = 1V, 10V,
VNO_ or VNC_ = 1V,
10V
VCOM_ = 10V, 1V
VNO_ or VNC_ = 1V,
10V
VCOM_ = 1V, 10V,
VNO_ or VNC_= 1V,
10V, or unconnected
TA = +25°C
TA = TMIN to TMAX
7
0.5
TA = TMIN to TMAX
1.2
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
ANALOG SWITCH
LOGIC INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com