Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4607 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4607
Description  2.5Ω, Dual, SPST, CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4607 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4607 Datasheet HTML 1Page - Maxim Integrated Products MAX4607 Datasheet HTML 2Page - Maxim Integrated Products MAX4607 Datasheet HTML 3Page - Maxim Integrated Products MAX4607 Datasheet HTML 4Page - Maxim Integrated Products MAX4607 Datasheet HTML 5Page - Maxim Integrated Products MAX4607 Datasheet HTML 6Page - Maxim Integrated Products MAX4607 Datasheet HTML 7Page - Maxim Integrated Products MAX4607 Datasheet HTML 8Page - Maxim Integrated Products MAX4607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX4607/MAX4608/MAX4609 dual analog switches
feature low on-resistance of 2.5
Ω max. On-resistance is
matched between switches to 0.5
Ω max and is flat (0.5Ω
max) over the specified signal range. Each switch can
handle rail-to-rail analog signals. The off-leakage current
is only 2.5nA max at +85°C. These analog switches are
ideal in low-distortion applications and are the preferred
solution over mechanical relays in automatic test equip-
ment or applications where current switching is required.
They have low power requirements, require less board
space, and are more reliable than mechanical relays.
The MAX4607 has two normally closed (NC) switches,
the MAX4608 has two normally open (NO) switches,
and the MAX4609 has one NC and one NO switch.
These switches operate from a single supply of +4.5V to
+36V or from dual supplies of ±4.5V to ±20V. All digital
inputs have +0.8V and +2.4V logic thresholds, ensuring
TTL/CMOS-logic compatibility when using dual ±15V or
a single +12V supply.
Applications
Reed Relay Replacement
PBX, PABX Systems
Test Equipment
Audio-Signal Routing
Communication Systems
Avionics
Features
♦♦ Low On-Resistance (2.5Ω max)
♦♦ Guaranteed RON Match Between Channels
(0.5
Ω max)
♦♦ Guaranteed RON Flatness over Specified Signal
Range (0.5
Ω max)
♦♦ Rail-to-Rail Signal Handling
♦♦ Guaranteed ESD Protection > 2kV
per Method 3015.7
♦♦ Single-Supply Operation: +4.5V to +36V
Dual-Supply Operation: ±4.5V to ±20V
♦♦ TTL/CMOS-Compatible Control Inputs
2.5
Ω, Dual, SPST,
CMOS Analog Switches
________________________________________________________________
Maxim Integrated Products
1
SO/DIP
TOP VIEW
SO/DIP
LOGIC
SWITCH
0
1
ON
OFF
LOGIC
SWITCH
0
1
OFF
ON
SO/DIP
LOGIC
SWITCH 1
0
1
OFF
ON
SWITCH 2
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
N.C.
COM1
V+
V-
N.C.
IN1
N.C.
MAX4609
VL
COM2
N.C.
NC2
N.C.
IN2
N.C.
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC1
N.C.
COM1
V+
V-
N.C.
IN1
N.C.
MAX4607
VL
COM2
N.C.
NC2
N.C.
IN2
N.C.
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
N.C.
COM1
V+
V-
N.C.
IN1
N.C.
MAX4608
VL
COM2
N.C.
NO2
N.C.
IN2
N.C.
GND
19-1392; Rev 2; 3/10
PART
MAX4607CSE
MAX4607CPE
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Narrow SO
16 Plastic DIP
Ordering Information continued at end of data sheet.
______________________ Pin Configurations/Functional Diagrams/Truth Tables
Ordering Information
MAX4607ESE
-40°C to +85°C
16 Narrow SO
MAX4607EPE
-40°C to +85°C
16 Plastic DIP
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX4607

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
MAX4607-MAX4609 MAXIM-MAX4607-MAX4609 Datasheet
164Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
MAX4607CPE MAXIM-MAX4607CPE Datasheet
164Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
MAX4607CSE MAXIM-MAX4607CSE Datasheet
164Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
MAX4607EPE MAXIM-MAX4607EPE Datasheet
164Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
More results

Similar Description - MAX4607

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
CMOS Dual/Quad SPST Analog Switches
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
April 6, 2005
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com