Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4607 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4607
Description  2.5Ω, Dual, SPST, CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4607 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4607 Datasheet HTML 2Page - Maxim Integrated Products MAX4607 Datasheet HTML 3Page - Maxim Integrated Products MAX4607 Datasheet HTML 4Page - Maxim Integrated Products MAX4607 Datasheet HTML 5Page - Maxim Integrated Products MAX4607 Datasheet HTML 6Page - Maxim Integrated Products MAX4607 Datasheet HTML 7Page - Maxim Integrated Products MAX4607 Datasheet HTML 8Page - Maxim Integrated Products MAX4607 Datasheet HTML 9Page - Maxim Integrated Products MAX4607 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2.5
Ω, Dual, SPST,
CMOS Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-20
-15
-10
-5
0
5
10
15
20
ON-RESISTANCE
(DUAL SUPPLY)
VCOM (V)
ICOM = 10mA
V+, V- = ±5V
V+, V- = ±15V
V+, V- = ±20V
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-15
-5
-10
0
5
10
15
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLY)
VCOM (V)
V+, V- = ±15V
ICOM = 10mA
TA = +25°C
TA = -40°C
TA = +85°C
0
2
1
5
4
3
8
7
6
9
010
5
152025
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
ICOM = 10mA
V+ = 24V
V+ = 5V
V+ = 12V
1.5
2.5
2.0
3.5
3.0
4.0
4.5
04
6
2
8
10
12
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
ICOM = 10mA
TA = +85°C
TA = +25°C
TA = -40°C
0.01
1
0.1
100
10
10k
1k
100k
-40
-20
0
20
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
I+
I-
1m
0.1
0.01
100
10
1
10k
1k
100k
-40
0
20
-20
40
60
80
100
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
ON-LEAKAGE
OFF-LEAKAGE
V+ = 15V
V- = -15V
-500
-300
-400
-100
-200
100
0
200
-15
-5
0
-10
5
10
15
CHARGE INJECTION vs. VCOM
VCOM (V)
SINGLE SUPPLY
V+ = 12V
V- = 0
DUAL SUPPLY
V+ = V- = 15V
80
100
90
130
120
110
140
150
160
170
-40
-20
0
20
40
60
80
100
ON/OFF TIME vs. TEMPERATURE
TEMPERATURE (°C)
tOFF
VCOM = +10V
RL = 100
Ω
CL = 35pF
tON
70
90
80
110
100
130
120
140
160
150
170
10
12 13 14
11
15 16 17
19
18
20
ON/OFF TIME vs. SUPPLY VOLTAGE
V+ = V- (V)
tOFF
VCOM = +10V
RL = 100
Ω
CL = 35pF
tON



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com