Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4607 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4607
Description  2.5Ω, Dual, SPST, CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4607 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4607 Datasheet HTML 1Page - Maxim Integrated Products MAX4607 Datasheet HTML 2Page - Maxim Integrated Products MAX4607 Datasheet HTML 3Page - Maxim Integrated Products MAX4607 Datasheet HTML 4Page - Maxim Integrated Products MAX4607 Datasheet HTML 5Page - Maxim Integrated Products MAX4607 Datasheet HTML 6Page - Maxim Integrated Products MAX4607 Datasheet HTML 7Page - Maxim Integrated Products MAX4607 Datasheet HTML 8Page - Maxim Integrated Products MAX4607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2.5
Ω, Dual, SPST,
CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +44V
V- to GND ...............................................................+0.3V to -44V
V+ to V-...................................................................-0.3V to +44V
VL to GND ........................................(GND - 0.3V) to (V+ + 0.3V)
All Other Pins to GND (Note 1) .............(V- - 0.3V) to (V+ + 0.3V)
Continuous Current (COM_, NO_, NC_).........................±100mA
Peak Current (COM_, NO_, NC_)
(pulsed at 1ms, 10% duty cycle)................................ ±300mA
Continuous Power Dissipation (TA = +70°C)
Narrow SO (derate 8.70mW/°C above +70°C) .............696mW
Plastic DIP (derate 10.53mW/°C above +70°C) ...........842mW
Operating Temperature Ranges
MAX460_C_E ......................................................0°C to +70°C
MAX460_E_E ...................................................-40°C to +85 °C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
PDIP lead(Pb)-free ........................................................+260°C
PDIP containing lead(Pb)..............................................+240°C
SO lead(Pb)-free ...........................................................+260°C
SO containing lead(Pb).................................................+240°C
-2.5
2.5
-2.5
2.5
-10
10
TA = TMIN to TMAX
V
TA = +25°C
V-
V+
VCOM_, VNO_,
VNC_
Input Voltage Range
(Note 3)
IN_ = 0.8V, all others = 2.4V
IN_ = 2.4V, all others = 0.8V
ICOM_ = 10mA,
VNO_ or VNC_ = ±10V
TA = +25°C
TA = +25°C
TA = +25°C
CONDITIONS
1.7
0.8
VIN_L
Logic Input Low Voltage
Ω
0.05
0.4
ΔRON
COM_ to NO_, COM_ to NC_
On-Resistance Match Between
Channels (Note 4)
Ω
1.6
2.5
RON
COM_ to NO_, COM_ to NC_
On-Resistance
V
2.4
1.7
VIN_H
Logic Input High Voltage
-0.500
0.001
0.500
IIN_L
Input Current with Input Voltage
Low
µA
-0.500
0.001
0.500
IIN_H
Input Current with Input Voltage
High
Ω
0.1
0.4
RFLAT(ON)
COM_ to NO_, COM_ to NC_
On-Resistance Flatness (Note 5)
nA
-0.5
0.01
0.5
INO_, INC_
Off-Leakage Current
(NO_ or NC_) (Note 6)
nA
-0.5
0.01
0.5
ICOM_(OFF)
COM Off-Leakage Current
(Note 6)
nA
-1
0.02
1
ICOM_(ON)
COM On-Leakage Current
(Note 6)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ICOM_ = 10mA, VNO_
or VNC_= -5V, 0, 5V
ICOM_ = 10mA,
VNO_ or VNC_ = ±10V
TA = +25°C
VCOM_ = ±10V,
VNO_ or VNC_ = +–10V
VCOM_ = ±10V,
VNO_ or VNC_ = +–10V
VCOM_ = ±10V,
VNO_ or VNC_= ±10V,
or unconnected
TA = +25°C
TA = TMIN to TMAX
3
0.5
TA = TMIN to TMAX
0.5
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
µA
V
Note 1: Signals on NC_, NO_, COM_, or IN_, exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to max-
imum current rating.
ANALOG SWITCH
LOGIC INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com