Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4607 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4607
Description  2.5Ω, Dual, SPST, CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4607 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4607 Datasheet HTML 1Page - Maxim Integrated Products MAX4607 Datasheet HTML 2Page - Maxim Integrated Products MAX4607 Datasheet HTML 3Page - Maxim Integrated Products MAX4607 Datasheet HTML 4Page - Maxim Integrated Products MAX4607 Datasheet HTML 5Page - Maxim Integrated Products MAX4607 Datasheet HTML 6Page - Maxim Integrated Products MAX4607 Datasheet HTML 7Page - Maxim Integrated Products MAX4607 Datasheet HTML 8Page - Maxim Integrated Products MAX4607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2.5
Ω, Dual, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
5
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
ΔRON = RON(MAX) - RON(MIN)
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off-isolation = 20log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 8: Between any two switches.
Note 9: Leakage testing at single supply is guaranteed by testing with dual supplies.
ELECTRICAL CHARACTERISTICS—Single Supply (continued)
(V+ = +12V, V- = 0, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
VIN = 0 or 5V
TA = +25°C
-0.5
0.001
0.5
I+
Positive Supply Current
TA = +25°C
f = 1MHz, Figure 6, TA = +25°C
RL = 50
Ω, CL = 5pF, f = 1MHz, Figure 5,
TA = +25°C
TA = TMIN to TMAX
55
CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 3,
TA = +25°C
TA = +25°C
f = 1MHz, Figure 6, TA = +25°C
CONDITIONS
V
+4.5
+36.0
Power-Supply Range
pF
dB
f = 1MHz, Figure 7, TA = +25°C
pF
185
C(COM)
On-Capacitance
µA
µA
µA
105
C(COM)
COM Off-Capacitance
-0.5
0.001
0.5
IL
Logic Supply Current
pF
105
C(OFF)
NC or NO Capacitance
66
VCT
Crosstalk (Note 8)
pC
50
Q
Charge Injection
-0.5
0.001
0.5
IGND
Ground Current
ns
110
tON
Turn-On Time
ns
130
tOFF
Turn-Off Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIN = 0 or 5V
VIN = 0 or 5V
VCOM_ = 10V, Figure 2, TA = +25°C
VCOM_ = 10V, Figure 2, TA = +25°C
TA = TMIN to TMAX
55
TA = TMIN to TMAX
55
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com