Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2617CD Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2617CD
Description  Dual 10-Bit Serial DAC with Power Down
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2617CD Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2617CD Datasheet HTML 1Page - Wolfson Microelectronics plc WM2617CD Datasheet HTML 2Page - Wolfson Microelectronics plc WM2617CD Datasheet HTML 3Page - Wolfson Microelectronics plc WM2617CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM2617CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM2617CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM2617CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM2617CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM2617CD Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
WM2617
Dual 10-Bit Serial DAC with Power Down
Production Data, Rev 1.1, October 2000
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
2000 Wolfson Microelectronics Ltd
.
FEATURES
•
Two 10-bit DACs
•
Single supply from 2.7V to 5.5V supply operation
•
DNL
±0.1 LSB, INL ±0.5 LSB
•
Low power consumption
• 3mW typical in slow mode
• 8mW typical in fast mode
•
TMS320, (Q)SPI
, and Microwire compatible serial
interface
•
Programmable settling time 4
µs or 12µs typical
APPLICATIONS
•
Battery powered test instruments
•
Digital offset and gain adjustment
•
Battery operated/remote industrial controls
•
Machine and motion control devices
•
Wireless telephone and communication systems
•
Speech synthesis
•
Arbitrary waveform generation
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2617CD
0° to 70°C
8-pin SOIC
WM2617ID
-40° to 85°C
8-pin SOIC
DESCRIPTION
The WM2617 is a dual 10-bit voltage output, resistor string,
digital-to-analogue
converter.
A
power-on-reset
function
ensures repeatable start-up conditions.
The device has been designed to interface efficiently to industry
standard microprocessors and DSPs, including the TMS320
family. The WM2617 is programmed with a 16-bit serial word.
The WM2617 has a simple-to-use single 2.7V to 5.5V supply.
The digital inputs feature Schmitt triggers for high noise
immunity.
The number of clocks from the falling edge of NCS are counted
automatically. The device is then updated and disabled from
accepting further data inputs.
Excellent performance is delivered with a typical DNL of ±0.1
LSBs. The settling time of the DAC is programmable to allow
the designer to optimise speed versus power dissipation.
The device is available in an 8-pin SOIC package ideal for
space-critical applications. Commercial temperature (0° to
70°C) and industrial temperature (-40° to 85°C) variants are
supported.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
(7) OUTB
(4) OUTA
10-BIT
DAC B
HOLDING
LATCH
10-BIT
DAC A
LATCH
REFIN(6)
POWER-ON
RESET
DIN (1)
SCLK (2)
NCS (3)
(5)
AGND
VDD
(8)
POWERDOWN/
SPEED
CONTROL
10-BIT
DAC B
CONTROL
LATCH
DAC
OUTPUT
BUFFER
2-BIT
CONTROL
LATCH
X1
X1
X2
X2
DAC
OUTPUT
BUFFER
REFERENCE
INPUT BUFFER
REFERENCE
INPUT BUFFER
WM2617
16-BIT
SHIFT
REGISTER
AND
CONTROL
LOGIC
data
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0
256
512
767
1023
DIGITAL CODE
VDD = 5V, VREF = 2.048V, Speed = Fast mode, Load = 10K/100pF


Similar Part No. - WM2617CD

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610CDT WOLFSON-WM2610CDT Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610IDT WOLFSON-WM2610IDT Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2613CDT WOLFSON-WM2613CDT Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
More results

Similar Description - WM2617CD

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2608 WOLFSON-WM2608 Datasheet
128Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
logo
Maxim Integrated Produc...
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5821 MAXIM-MAX5821 Datasheet
419Kb / 13P
Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Linear Technology
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
Dual Serial 12-Bit Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com