Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139A Datasheet(PDF) 10 Page - Microsemi Corporation

Part # NX2139A
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139A Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button NX2139A Datasheet HTML 6Page - Microsemi Corporation NX2139A Datasheet HTML 7Page - Microsemi Corporation NX2139A Datasheet HTML 8Page - Microsemi Corporation NX2139A Datasheet HTML 9Page - Microsemi Corporation NX2139A Datasheet HTML 10Page - Microsemi Corporation NX2139A Datasheet HTML 11Page - Microsemi Corporation NX2139A Datasheet HTML 12Page - Microsemi Corporation NX2139A Datasheet HTML 13Page - Microsemi Corporation NX2139A Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NX2139A
10
Rev. 2.3
03/19/09
Fig. 10
Output efficiency
VIN=12V, VOUT=1.8V
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10
100
1000
10000
OUTPUT CURRENT(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com