Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139A Datasheet(PDF) 13 Page - Microsemi Corporation

Part # NX2139A
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139A Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button NX2139A Datasheet HTML 9Page - Microsemi Corporation NX2139A Datasheet HTML 10Page - Microsemi Corporation NX2139A Datasheet HTML 11Page - Microsemi Corporation NX2139A Datasheet HTML 12Page - Microsemi Corporation NX2139A Datasheet HTML 13Page - Microsemi Corporation NX2139A Datasheet HTML 14Page - Microsemi Corporation NX2139A Datasheet HTML 15Page - Microsemi Corporation NX2139A Datasheet HTML 16Page - Microsemi Corporation NX2139A Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
NX2139A
13
Rev. 2.3
03/19/09
Based On Stability Requirement
ESR of the output capacitor can not be chosen
too low which will cause system unstable. The zero
caused by output capacitor's ESR must satisfy the re-
quirement as below:
SW
ESR
OUT
F
1
F
2
ESR C4
=≤
×π ××
...(13)
Besides that, ESR has to be bigger enough so
that the output voltage ripple can provide enough volt-
age ramp to error amplifier through FB pin. If ESR is
too small, the error amplifier can not correctly dectect
the ramp, high side MOSFET will be only turned off for
minimum time 400nS. Double pulsing and bigger out-
put ripple will be observed. In summary, the ESR of
output capacitor has to be big enough to make the sys-
tem stable, but also has to be small enough to satify
the transient and DC ripple requirements.
Input Capacitor Selection
Input capacitors are usually a mix of high fre-
quency ceramic capacitors and bulk capacitors. Ce-
ramic capacitors bypass the high frequency noise, and
bulk capacitors supply switching current to the
MOSFETs. Usually 1uF ceramic capacitor is chosen
to decouple the high frequency noise.The bulk input
capacitors are decided by voltage rating and RMS cur-
rent rating. The RMS current in the input capacitors
can be calculated as:
RMS
OUT
ONS
I
I
D
1-D
D
TF
=
××
=×
...(14)
When VIN = 22V, VOUT=1.8V, IOUT=7A, the result of
input RMS current is 1.9A.
For higher efficiency, low ESR capacitors are
recommended. One 10uF/X5R/25V and two 4.7uF/
X5R/25V ceramic capacitors are chosen as input
capacitors.
Power MOSFETs Selection
The NX2139A requires at least two N-Channel
power MOSFETs. The selection of MOSFETs is based
on maximum drain source voltage, gate source volt-
age, maximum current rating, MOSFET on resistance
and power dissipation. The main consideration is the
power loss contribution of MOSFETs to the overall con-
verter efficiency. In this application, one IRF7807 for
high side and one AO4714 with integrated schottky di-
ode for low side are used.
There are two factors causing the MOSFET
power loss:conduction loss, switching loss.
Conduction loss is simply defined as:
× ××
× −
××
+
2
HCON
OUT
DS(ON)
2
LCON
OUT
DS(ON)
TOTAL
HCON
LCON
P
=I
D RK
P
=I
(1 D) RK
P
=PP
...(15)
where the RDS(ON) will increases as MOSFET junc-
tion temperature increases, K is RDS(ON) temperature
dependency. As a result, RDS(ON) should be selected
for the worst case. Conduction loss should not exceed
package rating or overall system thermal budget.
Switching loss is mainly caused by crossover
conduction at the switching transition. The total
switching loss can be approximated.
SW
IN
OUT
SWS
1
P
V
I
TF
2
= ×
×××
...(16)
where IOUT is output current, TSW is the sum of T
R
and T
F which can be found in mosfet datasheet, and
FS is switching frequency. Swithing loss PSW is fre-
quency dependent.
Also MOSFET gate driver loss should be consid-
ered when choosing the proper power MOSFET.
MOSFET gate driver loss is the loss generated by dis-
charg
ing the gate capacitor and is dissipated in driver
circuits.It is proportional to frequency and is defined
as:
gate
HGATE
HGS
LGATE
LGSS
P
(Q
V
Q
V
)F
=
×
+
××
...(17)
where QHGATE is the high side MOSFETs gate
charge,QLGATE is the low side MOSFETs gate
charge,VHGS is the high side gate source voltage, and
V
LGS is the low side gate source voltage.
This power dissipation should not exceed maxi-
mum power dissipation of the driver device.
Output Voltage Calculation
Output voltage is set by reference voltage and
external voltage divider. The reference voltage is fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com