Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # NX2139A
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139A Datasheet(HTML) 1 Page - Microsemi Corporation

  NX2139A Datasheet HTML 1Page - Microsemi Corporation NX2139A Datasheet HTML 2Page - Microsemi Corporation NX2139A Datasheet HTML 3Page - Microsemi Corporation NX2139A Datasheet HTML 4Page - Microsemi Corporation NX2139A Datasheet HTML 5Page - Microsemi Corporation NX2139A Datasheet HTML 6Page - Microsemi Corporation NX2139A Datasheet HTML 7Page - Microsemi Corporation NX2139A Datasheet HTML 8Page - Microsemi Corporation NX2139A Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
NX2139A
1
Rev. 2.3
03/19/09
TYPICAL APPLICATION
DESCRIPTION
The NX2139A controller IC is a compact Buck control-
ler IC with 16 lead MLPQ package designed for step
down DC to DC converter in portable applications. It
can be selected to operate in synchronous mode or
non-synchronous mode to improve the efficiency at light
load.Constant on time control provides fast response,
good line regulation and nearly constant frequency un-
der wide voltage input range. The NX2139A controller
is optimized to convert single supply up to 24V bus
voltage to as low as 0.75V output voltage. Over cur-
rent protection and FB UVLO followed by latch fea-
ture. A built-in LDO controller can drive an external N-
MOSFET to provide a second output voltage from ei-
ther PWM output source or other power source. Both
PWM controller and LDO controller have separate EN
feature. Other features includes: 5V gate drive capa-
bility, power good indicator, over voltage protection,
internal Boost schottky diode and adaptive dead band
control.
n Internal Boost Schottky Diode
n
Ultrasonic mode operation available
n Bus voltage operation from 4.5V to 24V
n Less than 1uA shutdown current with Enable low
n Excellent dynamic response with constant on time
control
n Selectable between Synchronous CCM mode and
diode emulation mode to improve efficiency at
light load
n Programmable switching frequency
n Current limit and FB UVLO with latch off
n Over voltage protection with latch off
n LDO controller with seperate enable
n Two independent Power Good indicator available
n Pb-free and RoHS compliant
ORDERING INFORMATION
FEATURES
SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
APPLICATIONS
n Notebook PCs and Desknotes
n Tablet PCs/Slates
n On board DC to DC such as
12V to 3.3V, 2.5V or 1.8V
n Hand-held portable instruments
PRELIMINARY DATA SHEET
Figure1 - Typical application of NX2139A
Device
Temperature
Package
Pb-Free
NX2139ACMTR -10o C to 100o C
3X3 MLPQ-16L
Yes
Pb Free Product
VIN 7V~22V
TON
HDRV
BST
SW
LDRV
OCSET
FB
VOUT
ENSW
/MODE
5V
10
VCC
PVCC
PGOOD
Vout 1.8V/7A
GND
1.5V@2A
LDODRV
LDOFB
ENLDO
LDOPG
5V
LDOPG
PGOOD
1MEG
4
9
2
15
14
5
PAD
6
7
3
1
10
8
11
13
12
16
100k
1u
1u
100k
50
33n
20k
1n
7.5k
7.5k
7.5k
2x10uF
10.5k
2R5TPE330MC
5k
1u
2x10uF
1n
IRF7807
AO4714
1.5uH
330uF
M3
SI4800
330p
2.2


Similar Part No. - NX2139A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2138 MICROSEMI-NX2138 Datasheet
605Kb / 16P
SINGLE CHANNEL MOBILE PWM CONTROLLER
NX2138CMTR MICROSEMI-NX2138CMTR Datasheet
605Kb / 16P
SINGLE CHANNEL MOBILE PWM CONTROLLER
More results

Similar Description - NX2139A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
Single Output Mobile-Friendly PWM Controller
December 28, 2004
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
379Kb / 20P
PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_06 Datasheet
621Kb / 22P
PWM and LDO Controller Combo
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
Single Output Mobile-Friendly PWM Controller
June 8, 2006
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069_08 Datasheet
621Kb / 22P
PWM and LDO Controller Combo
logo
Microsemi Corporation
NX2138 MICROSEMI-NX2138 Datasheet
605Kb / 16P
SINGLE CHANNEL MOBILE PWM CONTROLLER
NX2141 MICROSEMI-NX2141 Datasheet
915Kb / 21P
SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2710 MICROSEMI-NX2710 Datasheet
747Kb / 23P
SINGLE CHANNEL PWM CONTROLLER WITH NMOS LDO CONTROLLER AND 5V BIAS REGULATOR
NX2715 MICROSEMI-NX2715 Datasheet
715Kb / 21P
SINGLE CHANNEL MOBILE PWM CONTROLLER WITH NMOS LDO CONTROLLER, PGOOD INDICATOR AND ENABLE
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
Single Output Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com