Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139A Datasheet(PDF) 15 Page - Microsemi Corporation

Part # NX2139A
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139A Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button NX2139A Datasheet HTML 11Page - Microsemi Corporation NX2139A Datasheet HTML 12Page - Microsemi Corporation NX2139A Datasheet HTML 13Page - Microsemi Corporation NX2139A Datasheet HTML 14Page - Microsemi Corporation NX2139A Datasheet HTML 15Page - Microsemi Corporation NX2139A Datasheet HTML 16Page - Microsemi Corporation NX2139A Datasheet HTML 17Page - Microsemi Corporation NX2139A Datasheet HTML 18Page - Microsemi Corporation NX2139A Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
NX2139A
15
Rev. 2.3
03/19/09
Power Good Output
Power good output is open drain output, a pull
up resistor is needed. Typically when softstart is
finised and FB pin voltage is over 90% of V
REF, the
PGOOD pin is pulled to high after a 1.6ms delay.
Smart Over Output Voltage Protection
Active loads in some applications can leak cur-
rent from a higher voltage than V
OUT, cause output volt-
age to rise. When the FB pin voltage is sensed over
112% of V
REF, the high side MOSFET will be turned off
and low side MOSFET will be turned on to discharge
the V
OUT. NX2139A resumes its switching operation af-
ter FB pin voltage drops to V
REF.
If FB pin voltage keeps rising and is sensed over
125% of V
REF, the low side MOSFET will be latched to
be on to discharge the output voltage and over voltage
protection is triggered. To resume the switching opera-
tion, resetting voltage on pin VCC or pin EN is neces-
sary.
Under Output Voltage Protection
Typically when the FB pin voltage is under 70%
of V
REF, the high side and low side MOSFET will be
turned off. To resume the switching operation, VCC or
ENSW has to be reset.
LDO Selection Guide
NX2139A offers a LDO controller. The selection
of MOSFET to meet LDO is more straight forward.
The MOSFET has to be logic level MOSFET and its
Rdson at 4.5V should meet the dropout requirement.
For example.
V
LDOIN =1.8V
V
LDOOUT =1.5V
I
Load =2A
The maximum Rdson of MOSFET should be
RDSON
LDOIN
LDOOUT
LOAD
R
(V
V
)I
(1.8V 1.5V)/ 2A
0.15
=
−×
=
−
=Ω
Most of MOSFETs can meet the requirement.
More important is that MOSFET has to be selected
right package to handle the thermal capability. For LDO,
maximum power dissipation is given as
LOSS
LDOIN
LDOOUT
LOAD
P
(V
V
)I
(1.8V 1.5V) 2A
0.6W
=
−×
=
−
×=
Select MOSFET SI4800 with 33m
Ω R
DSON
is
sufficient.
LDO Compensation
The diagram of LDO controller including VCC
regulator is shown in the following figure.
Rf1
Rf2
Rc
Cc
LDO input
Rload
ESR
Co
Vref
LDOFB
LDODRV
Rb
Cb
Figure 13 - NX2139A LDO controller.
Rb and Cb have fixed value which is used to com-
pensate the comparater of the LDO controller. Set
Rb=50ohm, Cb=33nF.
For most low frequency capacitor such as elec-
trolytic, POSCAP, OSCON, etc, the compensation pa-
rameter can be calculated as follows.
m
C
O
f1m
g
ESR
1
C =
2
F
R
1+g
ESR
×
×
×π ×
××
where F
O is the desired crossover frequency.
Typically, when the POSCAP and electrical ca-
pacitor is chosen as output capacitor, crossover fre-
quency F
O has to be 2 to 3 times higher than zero
caused by ESR. In this example, we select Fo=150kHz.
g
m is the forward trans-conductance of MOSFET.
For SI4800, g
m=19.
Select Rf1=7.5kohm.
Output capacitor is Sanyo POSCAP 4TPE150MI
with 150uF, ESR=18mohm.
C
1
19S 18m
C =
=36pF
2
150kHz 7.5k
1+19S 18m
×Ω
×
×π ×
×
Ω
×Ω
Typically C
C is chosen to be 1 to 1.5 times smaller
than calculated value to compensate parasitic effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com