Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139A Datasheet(PDF) 11 Page - Microsemi Corporation

Part # NX2139A
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139A Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button NX2139A Datasheet HTML 7Page - Microsemi Corporation NX2139A Datasheet HTML 8Page - Microsemi Corporation NX2139A Datasheet HTML 9Page - Microsemi Corporation NX2139A Datasheet HTML 10Page - Microsemi Corporation NX2139A Datasheet HTML 11Page - Microsemi Corporation NX2139A Datasheet HTML 12Page - Microsemi Corporation NX2139A Datasheet HTML 13Page - Microsemi Corporation NX2139A Datasheet HTML 14Page - Microsemi Corporation NX2139A Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NX2139A
11
Rev. 2.3
03/19/09
APPLICATION INFORMATION
Symbol Used In Application Information:
VIN
- Input voltage
VOUT
- Output voltage
IOUT
- Output current
DVRIPPLE - Output voltage ripple
FS
- Working frequency
DIRIPPLE - Inductor current ripple
Design Example
The following is typical application for NX2139A,
the schematic is figure 1.
VIN = 7 to 22V
VOUT=1.8V
FS=220kHz
IOUT=7A
DVRIPPLE <=60mV
DVDROOP<=60mV @ 3A step
On_Time and Frequency Calculation
The constant on time control technique used in
NX2139A delivers high efficiency, excellent transient
dynamic response, make it a good candidate for step
down notebook applications.
An internal one shot timer turns on the high side
driver with an on time which is proportional to the input
supply
VIN as well inversely proportional to the output
voltage
VOUT. During this time, the output inductor
charges the output cap increasing the output voltage
by the amount equal to the output ripple. Once the
timer turns off, the Hdrv turns off and cause the output
voltage to decrease until reaching the internal FB volt-
age of 0.75V on the PFM comparator. At this point the
comparator trips causing the cycle to repeat itself. A
minimum off time of 400nS is internally set.
The equation setting the On Time is as follows:
12
TON
OUT
IN
4.45 10
RV
TON
V
0.5V
−
×××
=
−
...(1)
OUT
S
IN
V
F
V
TON
=
×
...(2)
In this application example, the RTON is chosen
to be 1Mohm, when VIN=22V, the TON is 372nS and
F
S is around 220kHz.
Output Inductor Selection
The value of inductor is decided by inductor ripple
current and working frequency. Larger inductor value
normally means smaller ripple current. However if the
inductance is chosen too large, it brings slow response
and lower efficiency. The ripple current is a design free-
dom which can be decided by design engineer accord-
ing to various application requirements. The inductor
value can be calculated by using the following equa-
tions:
(
)
IN
OUT
ON
OUT
RIPPLE
RIPPLE
OUTPUT
V -VT
L=
I
I
=kI
×
×
...(3)
where k is percentage of output current.
In this example, inductor from COILCRAFT
DO5010H-152 with L=1.5uH is chosen.
Current Ripple is recalculated as below:
IN
OUT
ON
RIPPLE
OUT
(V -V
)T
I=
L
(22V-1.8V) 372nS
=
1.5uH
=5A
×
×
...(4)
Output Capacitor Selection
Output capacitor is basically decided by the
amount of the output voltage ripple allowed during
steady state(DC) load condition as well as specifica-
tion for the load transient. The optimum design may
require a couple of iterations to satisfy both conditions.
Based on DC Load Condition
The amount of voltage ripple during the DC load
condition is determined by equation(5).
∆
∆
=
× ∆+
××
RIPPLE
RIPPLE
RIPPLE
S
OUT
I
V
ESRI
8 FC
...(5)
Where ESR is the output capacitors' equivalent
series resistance,C
OUT is the value of output capaci-
tors.
Typically POSCAP is recommended to use in
NX2139's applications. The amount of the output volt-
age ripple is dominated by the first term in equation(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com