Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139A Datasheet(PDF) 18 Page - Microsemi Corporation

Part # NX2139A
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139A Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button NX2139A Datasheet HTML 13Page - Microsemi Corporation NX2139A Datasheet HTML 14Page - Microsemi Corporation NX2139A Datasheet HTML 15Page - Microsemi Corporation NX2139A Datasheet HTML 16Page - Microsemi Corporation NX2139A Datasheet HTML 17Page - Microsemi Corporation NX2139A Datasheet HTML 18Page - Microsemi Corporation NX2139A Datasheet HTML 19Page - Microsemi Corporation NX2139A Datasheet HTML 20Page - Microsemi Corporation NX2139A Datasheet HTML 21Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
NX2139A
18
Rev. 2.3
03/19/09
Demoboard Schematic
Figure 14 - NX2139A schematic for the demoboard layout
R7
1M
VCC
C7
10u
LDOOUT
R10
7.5k
5V
VCC
R6
10
C15
330p
R4
2.2
U1
DH
12
BST
13
SW
11
DL
8
LIN_DRV
7
VOUT
1
FB
3
EN
15
VCC
2
VCCP
9
PGOOD
4
OCP
10
LIN_FB
6
LIN_PGOOD
5
LIN_EN
14
R3
10k
GND
R5
10.5k
LDOIN
C3
10u
CIN2
4.7u/25V
M3
SI4800
4
CO1
2R5TPE330MC
C18
1n
R17
20k
BUS
1
5V
1
C19
33n
R18
50
R11
100k
CIN3
4.7u/25V
C6
1n
LDOOUT
R15
2.2
C9
1.5n
CIN1
10u/25V
R2
0
C2
1u
VOUT
Lo
DO5010H-152
1
2
LDODRV
LDOIN
OUT
R19
7.5k
C16
1u
R20
7.5k
C17
1u
CO2
4.7u/6.3V
M1
IRF7807
4
M2
AO4714
4
R8
100k
BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com