Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5628CDW Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM5628CDW
Description  3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5628CDW Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM5628CDW Datasheet HTML 1Page - Wolfson Microelectronics plc WM5628CDW Datasheet HTML 2Page - Wolfson Microelectronics plc WM5628CDW Datasheet HTML 3Page - Wolfson Microelectronics plc WM5628CDW Datasheet HTML 4Page - Wolfson Microelectronics plc WM5628CDW Datasheet HTML 5Page - Wolfson Microelectronics plc WM5628CDW Datasheet HTML 6Page - Wolfson Microelectronics plc WM5628CDW Datasheet HTML 7Page - Wolfson Microelectronics plc WM5628CDW Datasheet HTML 8Page - Wolfson Microelectronics plc WM5628CDW Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DEVICE
TEMP. RANGE
PACKAGE
WM5628CN
0oC to 70oC
16 pin plastic DIP
WM5628CDW
0oC to 70oC
16 pin wide-bodied plastic SO
WM5628IN
-40oC to 85oC
16 pin plastic DIP
WM5628IDW
-40oC to 85oC
16 pin wide-bodied plastic SO
WM5628LCN
0oC to 70oC
16 pin plastic DIP
WM5628LCDW
0oC to 70oC
16 pin wide-bodied plastic SO
WM5628LIN
-40oC to 85oC
16 pin plastic DIP
WM5628LIDW
-40oC to 85oC
16 pin wide-bodied plastic SO
Lutton Court, Bernard Terrace, Edinburgh EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
email: admin@wolfson.co.uk
www: http://www.wolfson.co.uk
Description
WM5628L and WM5628 are Octal 8-bit digital to analogue
converters (DAC) controlled via a serial interface. Each
DAC's output voltage range is programmable for either x1
or x 2 its reference input voltage, allowing near rail to rail
operation for the x 2 output range. High impedance
buffered voltage reference inputs are provided for each
group of four DACs. WM5628L operates on a single
supply voltage of 3 V while WM5628 operates on 5 V.
WM5628/L interfaces to all popular microcontrollers and
microprocessors via a three wire serial interface with CMOS
compatible, schmitt trigger, digital inputs. An 12 bit
command word comprises 3 DAC select bits, an output
range selection bit and 8-bits of data.
Individual or all DAC outputs are changed using
WM5628/L's double buffered DAC registers and the
separate LOAD and LDAC inputs. DAC outputs are
updated simultaneously by writing a complete set of new
values and then pulsing the LDAC input.
The DAC outputs are optimised for single supply
operation and driving ground referenced loads.
An internal power-on-reset function sets the DAC's input
codes to zero at power up.
Ideal in space critical applications WM5628/L is available
in wide-bodied and DIP packages for commercial (0
oC to
70oC) and industrial (-40oC to 85oC) temperature ranges.
•
Eight 8-bit voltage output DAC's
•
Three wire serial interface
•
Programmable x1 or x 2 output range.
•
Power-on-reset sets outputs to zero
•
Buffered voltage reference inputs
•
Simultaneous DAC output update
Key Specifications
•
Single supply operation:
WM5628L
: 3 V
WM5628
: 5 V
•
0 to 4 V output (x 2 output range) at 5 V VDD
•
0 to 2.5 V output (x 2 output range) at 3 V VDD
•
Guaranteed monotonic output
Applications
•
Programmable d.c. voltage sources
•
Digitally controlled attenuator/amplifier
•
Signal synthesis
•
Mobile communications
•
Automatic test equipment
•
Process control
3 & 5V Octal 8-Bit Voltage Output DAC
with Serial Interface
Features
Wolfson Microelectronics
Production Data
Sept. 1996 Rev 2
© 1996 Wolfson Microelectronics
Production Data data sheets contain
final specifications current on publication
date. Supply of products conforms to
Wolfson Microelectronics standard terms
and conditions
Pin Configuration
Ordering Information
Top View
16 pin N and DW packages
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
DACB
DACA
GND
Data
VDD
DACE
CLK
DACF
DAC G
DACH
Ref2
LDAC
Load
Ref1
DACD
DACC
WM5628L, WM5628


Similar Part No. - WM5628CDW

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5620 WOLFSON-WM5620 Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620CD WOLFSON-WM5620CD Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620CN WOLFSON-WM5620CN Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620ID WOLFSON-WM5620ID Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620IN WOLFSON-WM5620IN Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
More results

Similar Description - WM5628CDW

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com