Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
WM8731
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 February 2001
18
AUDIO SIGNAL PATH
LINE INPUTS
The WM8731 provides Left and Right channel line inputs (RLINEIN and LLINEIN). The inputs are
high impedance and low capacitance, thus ideally suited to receiving line level signals from external
hi-fi or audio equipment.
Both line inputs include independent programmable volume level adjustments and ADC input mute.
The scheme is illustrated in Figure 9. Passive RF and active Anti-Alias filters are also incorporated
within the line inputs. These prevent high frequencies aliasing into the audio band or otherwise
degrading performance.
12.5k
VMID
LINEIN
To
ADC
Figure 9 Line Input Schematic
The gain between the line inputs and the ADC is logarithmically adjustable from +12dB to –34.5dB in
1.5dB steps under software control. The ADC Full Scale input is 1.0V rms at AVDD = 3.3 volts. Any
voltage greater than full scale will possibly overload the ADC and cause distortion. Note that the full
scale input tracks directly with AVDD. The gain is independently adjustable on both Right and Left
Line Inputs. However, by setting the INBOTH bit whilst programming the volume control, both
channels are simultaneously updated with the same value. Use of INBOTH reduces the required
number of software writes required. The line inputs to the ADC can be muted in the analogue domain
under software control. The software control registers are shown Table 2. Note that the Line Input
Mute only mutes the input to the ADC, this will still allow the Line Input signal to pass to the line
output in Bypass Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com