Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
WM8731
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 February 2001
32
DIGITAL AUDIO INTERFACES
WM8731 may be operated in either one of the 4 offered audio interface modes. These are:
•
Right justified
•
Left justified
•
I2S
•
DSP mode
All four of these modes are MSB first and operate with data 16 to 32 bits.
Note that 32 bit data is not supported in right justified mode.
The digital audio interface takes the data from the internal ADC digital filter and places it on the
ADCDAT output. ADCDAT is the formatted digital audio data stream output from the ADC digital
filters with left and right channels multiplexed together. ADCLRC is an alignment clock that controls
whether Left or Right channel data is present on the ADCDAT lines. ADCDAT and ADCLRC are
synchronous with the BCLK signal with each data bit transition signified by a BCLK high to low
transition. BCLK maybe an input or an output dependent on whether the device is in master or slave
mode. Refer to the MASTER/SLAVE OPERATION section
The digital audio interface also receives the digital audio data for the internal DAC digital filters on the
DACDAT input. DACDAT is the formatted digital audio data stream output to the DAC digital filters
with left and right channels multiplexed together. DACLRC is an alignment clock that controls
whether Left or Right channel data is present on DACDAT. DACDAT and DACLRC are synchronous
with the BCLK signal with each data bit transition signified by a BCLK high to low transition. DACDAT
is always an input. BCLK and DACLRC are either outputs or inputs depending whether the device is
in master or slave mode. Refer to the MASTER/SLAVE OPERATION section
There are four digital audio interface formats accommodated by the WM8731. These are shown in
the figures below. Refer to the Electrical Characteristic section for timing information.
Left Justified mode is where the MSB is available on the first rising edge of BCLK following a ADCLR
or DACLRC transition.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DACDAT/
ADCDAT
1/fs
n
3
2
1
n-2
n-1
LSB
MSB
n
3
2
1
n-2
n-1
LSB
MSB
Figure 25 Left Justified Mode
I2S mode is where the MSB is available on the 2nd rising edge of BCLK following a LRCLK
transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com