Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
WM8731
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 February 2001
29
The bypass mode is selected under software control using the BYPASS microphone bit as shown in
Table 9. In true bypass mode, the output from the DAC (DACSEL) and (SIDETONE) should be de-
selected from the line output block. However this can also be used to sum the DAC output, Line
Inputs together and microphone inputs. The analogue line input and headphone output volume
controls and mutes are still operational in bypass mode. The 0dB gain setting is recommended for
the Line Input volume control to avoid distortion. The maximum signal at any point in the bypass path
must be no greater than 1.0V rms at AVDD = 3.3V, to avoid distortion. This amplitude tracks linearly
with AVDD. This means that if the DAC is producing a 1Vrms signal, and it is being summed with
1Vrms line BYPASS signal, the resulting LINEOP signal will be clipped.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000100
Analogue
Audio Path
Control
3
BYPASS
1
Bypass Switch (Analogue)
1 = Enable Bypass
0 = Disable Bypass
Table 9 Bypass Mode Software Control
SIDETONE MODE
The WM8731 also includes a side tone mode where the microphone input is routed to line and
headphone outputs. The scheme for this is shown in Figure 23.
The side tone mode allows the microphone input to be attenuated to the outputs for telephone and
headset applications.
VMID
HPOUT
50k
10k
VMID
MICIN
VMID
10dB GAIN BOOST
VMID
FROM
LINE
INPUTS
LINEOUT
FROM
DAC
BYPASS (OFF)
DACSEL (OFF)
SIDETONE (ON)
Figure 23 Side Tone Mode Schematic
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
SIDETONE
0
Side Tone Switch (Analogue)
1 = Enable Side Tone
0 = Disable Side Tone
0000100
Analogue
Audio Path
Control
7:6
SIDEATT[1:0]
00
Side Tone Attenuation
11 = -15dB
10 = -12dB
01 = -9dB
00 = -6dB
Table 10 Side Tone Mode Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com