Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
WM8731
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 February 2001
40
USB MODE SAMPLE RATES
In USB mode the MCLK/crystal oscillator input is 12MHz only.
SAMPLING
RATE
ADC
DAC
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
kHz
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
48
48
12.000
0
0
0
0
0
0
44.1
(Note 2)
44.1
(Note 2)
12.000
1
1
0
0
0
1
48
8
12.000
0
0
0
0
1
0
44.1
(Note 2)
8
(Note 1)
12.000
1
1
0
0
1
1
8
48
12.000
0
0
0
1
0
0
8
(Note 1)
44.1
(Note 2)
12.000
1
1
0
1
0
1
8
8
12.000
0
0
0
1
1
0
8
(Note 1)
8
(Note 1)
12.000
1
1
0
1
1
1
32
32
12.000
0
0
1
1
0
0
96
96
12.000
0
0
1
1
1
3
88.2
(Note 3)
88.2
(Note 3)
12.000
1
1
1
1
1
2
Table 20 USB Mode Sample Rate Look-up Table
Notes:
1.
8k not exact, actual = 8.021kHz
2.
44.1k not exact, actual = 44.118kHz
3.
88.1k not exact, actual = 88.235kHz
4.
All other combinations of BOSR and SR[3:0] that are not in the truth table are invalid
The table above can be used to set up the device to work with various sample rate combinations. For
example if the user wishes to use the WM8731 in USB mode with the ADC and DAC sample rates at
48kHz and 48kHz respectively then the device should be programmed with BOSR = 0, SR3 = 0, SR2
= 0, SR1 = 0 and SR0 = 0. The ADC and DAC will then operate with a Digital Filter of type 0, refer to
Digital Filter Characteristics section for an explanation of the different filter types.
The BOSR bit represents the base over-sampling rate. This is the rate that the WM8731 digital signal
processing is carried out at and the sampling rate will always be a sub-multiple of this. In USB mode,
with BOSR = 0, the base over-sampling rate is defined at 250fs, with BOSR = 1, the base over-
sampling rate is defined at 272fs. This can be used to determine the actual audio sampling rate
produced by the ADC and required by the DAC.
Example scenarios are, :-
1.
with a requirement that the ADC data sampling rate is 8kHz and DAC data sampling rate is
48kHz the device is programmed with BOSR = 0 (250fs), SR3 = 0, SR2 = 0, SR1 = 1, SR0 =
0.The ADC will then be exactly 8kHz ( derived from 12MHz/250 x 1/6 ) and the DAC expects
data at exactly 48kHz ( derived from 12MHz/250 ).
2.
with a requirement that ADC data rate is 8kHz and DAC data rate is 44.1kHz the device is
programmed with BOSR = 0 (272fs), SR3 = 0, SR2 = 0, SR1 = 1, SR0 = 0. The ADC will not
output data at exactly 8kHz, instead it will be 8.021kHz ( derived from 12MHz/272 x 2/11 ) and
the DAC at 44.118kHz ( derived from 12MHz/272 ). A slight (sub 0.5%) pitch shift will therefore
results in the 8kHz and 44.1kHz audio data and (more importantly) the user must ensure that
the data across the digital interface is correctly synchronised at the 8.021kHz and 44.117kHz
rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com