Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8731 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
WM8731
Portable Internet Audio CODEC with
Headphone Driver and Programmable Sample Rates
Advanced Information, Rev 2.0, February 2001
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Advanced Information data sheets
contain preliminary data on new products
in the preproduction phase of
development. Supplementary data will be
published at a later date.
2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM8731 is a low power stereo CODEC with an
integrated headphone driver. It offers the user the unique
ability to independently program the ADC and DAC sample
rates from a single clock source. The WM8731 is designed
specifically for portable MP3 audio and speech players and
recorders. The WM8731 is also ideal for MD, CD-RW
machines and DAT recorders.
Stereo line and mono microphone level audio inputs are
provided, along with a mute function, programmable line
level volume control and a bias voltage output suitable for
an electret type microphone.
Stereo 24-bit multi-bit sigma delta ADCs and DACs are
used with oversampling digital interpolation and decimation
filters. Digital audio input word lengths from 16-32 bits and
sampling rates from 8kHz to 96kHz are supported.
Stereo audio outputs are buffered for driving headphones
from a programmable volume control, line level outputs are
also provided along with anti-thump mute and power
up/down circuitry.
The device is controlled via a 2 or 3 wire serial interface.
The interface provides access to all features including
volume controls, mutes, de-emphasis and extensive power
management facilities. The device is available in a small 28-
pin SSOP package.
FEATURES
•
Audio Performance
− 97dB SNR (‘A’ weighted @ 48kHz) ADC
− 100dB SNR (‘A’ weighted @ 48kHz) DAC
− 1.42 – 3.6V Digital Supply Operation
− 2.7 – 3.6V Analogue Supply Operation
•
ADC and DAC Sampling Frequency: 8kHz – 96kHz
•
Selectable ADC High Pass Filter
•
2 or 3-Wire MPU Serial Control Interface
•
Programmable Audio Data Interface Modes
− I2S, Left, Right Justified or DSP
− 16/20/24/32 bit Word Lengths
− Master or Slave Clocking Mode
•
Stereo Audio Inputs and Outputs
•
Microphone Input and Electret Bias with Side Tone Mixer
•
Input and Output Volume and Mute Controls
•
Highly Efficient Headphone Driver
•
Playback Mode Power Consumption < 18mW
•
Analogue Pass Through Power Consumption < 9mW
•
28-Pin SSOP Package
APPLICATIONS
•
Portable MP3 Players and Recorders
•
CD and Minidisc Recorders
BLOCK DIAGRAM
MUX
MUX
VOL
VOL
ADC
ADC
DIGITAL
FILTERS
DIGTAL AUDIO INTERFACE
CONTROL INTERFACE
DAC
DAC
VOL/
MUTE
VOL/
MUTE
H/P
DRIVER
H/P
DRIVER
Σ
Σ
RHPOUT
LHPOUT
ROUT
LOUT
RLINEIN
LLINEIN
VMID
AVDD
AGND
0dB/
20dB
MICIN
+12 to -34.5dB,
1.5dB Steps
+6 to -73dB
1 dB Steps
HPVDD
HPGND
+6 to -73dB
1 dB Steps
+12 to -34.5dB,
1.5dB Steps
OSC
MICBIAS
MUTE
Bypass
Bypass
Side Tone
Side Tone
CLKIN
DIVIDER
(Div x1, x2)
CLKOUT
DIVIDER
(Div x1, x2)
ATTEN/
MUTE
MUTE
MUTE
ATTEN/
MUTE
MUTE
MUTE
MUTE
MUTE
MUTE
WM8731


Similar Part No. - WM8731

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8731 WOLFSON-WM8731 Datasheet
128Kb / 2P
portable digital audio solutions
WM8731 WOLFSON-WM8731 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731CLSEFL WOLFSON-WM8731CLSEFL Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731CLSEFL/R WOLFSON-WM8731CLSEFL/R Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731CSEFL WOLFSON-WM8731CSEFL Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
More results

Similar Description - WM8731

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
logo
List of Unclassifed Man...
AV2722 ETC-AV2722 Datasheet
273Kb / 29P
AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
Internet Audio DAC with Integrated Headphone Driver
WM8731 WOLFSON-WM8731_06 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731 WOLFSON-WM8731_09 Datasheet
814Kb / 64P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731SED WOLFSON-WM8731SED_13 Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
logo
Maxim Integrated Produc...
MAX1300AEVKIT MAXIM-MAX1300AEVKIT Datasheet
1Mb / 26P
Various Sample Sizes and Sample Rates
Rev 0; 2/12
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11166EVSYS MAXIM-MAX11166EVSYS Datasheet
1Mb / 17P
Various Sample Sizes and Sample Rates
Rev 0; 6/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com