Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
WM8731
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 February 2001
21
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
MICBOOST
0
Microphone Input Level Boost
1 = Enable Boost
0 = Disable Boost
0000100
Analogue Audio
Path Control
1
MUTEMIC
1
Line Input Mute to ADC
1 = Enable Mute
0 = Disable Mute
Table 3 Microphone Input Software Control
The microphone input is biased internally through the operational amplifier to VMID. Whenever the
line inputs are muted the MICIN input is kept biased to VMID using special anti-thump circuitry. This
reduces any audible clicks that may otherwise be heard when re-activating the input.
The application drawing for the microphone is shown in Figure 12.
AGND
AGND
R1
R2
C1
C2
MICIN
MICBIAS
AGND
FROM
MICROPHONE
Rmic
Figure 12 Microphone Input and Bias Application Drawing
Recommended component values are C1 = 220pF (npo ceramic), C2 = 1
µF, R1 = 680 ohms, R2 =
47k. Rmic values depends on gain setting (see above).
R1 and R2 form part of the biasing network (refer to Microphone Bias section below). R1 connected
to MICBIAS is necessary only for electret type microphones that require a voltage bias. R2 should
always be present to prevent the microphone input from charging to a high voltage which may
damage the microphone on connection. R1 and R2 should be large so as not to attenuate the signal
from the microphone, which can have source impedance greater than 2k. C1 together with the
source impedance of the microphone and the input impedance of MICIN forms an RF filter. C2 is a
DC blocking capacitor to allow the microphone to be biased at a different DC voltage to the MICIN
signal.
MICROPHONE BIAS
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to the Microphone Input
section for an application drawing and further description.
The scheme for MICBIAS is shown in Figure 13. Note that there is a maximum source current
capability of 3mA available for the MICBIAS. This limits the smallest value of external biasing
resistors that can safely be used.
Note that the MICBIAS output is not active in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com