Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8018 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8018
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8018 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8018 Datasheet HTML 1Page - Silicon Standard Corp. SS8018 Datasheet HTML 2Page - Silicon Standard Corp. SS8018 Datasheet HTML 3Page - Silicon Standard Corp. SS8018 Datasheet HTML 4Page - Silicon Standard Corp. SS8018 Datasheet HTML 5Page - Silicon Standard Corp. SS8018 Datasheet HTML 6Page - Silicon Standard Corp. SS8018 Datasheet HTML 7Page - Silicon Standard Corp. SS8018 Datasheet HTML 8Page - Silicon Standard Corp. SS8018 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.SiliconStandard.com
2 of 14
SS8018
n ABSOLUTE MAXIMUM RATINGS
VCC to GND………….….………………………………………………..……….-0.3V to +6V
DXP to GND……….……………………………………………………..……..…-0.3V to VCC + 0.3V
DXN to GND………………………………………………….……..……………..-0.3V to +0.8V
SMBCLK, SMBDATA, ALERT to GND……………………………………...…-0.3V to +6V
SMBDATA, ALERT Current………………………………………………..…….-1mA to +50mA
DXN Current………………………………………………..…..………………….±1mA
ESD Protection (SMBCLK, SMBDATA, ALERT , human body model).…….2000V
ESD Protection (other pins, human body model)……………………………….2000V
Continuous Power Dissipation (TA = +70°C) …………………………….SOP
(derate 8.30mW/°C above +70°C)………………………………………….......667mW
Operating Temperature Range…………………………………………………-20°C to +120°C
Junction Temperature………………………………………………….………..+150°C
Storage temperature Range…………………………………………………….-65°C to +165°C
Lead Temperature (soldering, 10sec)……………………………………..……...+300°C
n ELECTRICAL CHARACTERISTICS
(VCC = + 3.3V, TA = 0°C to +85°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN TYP MAX UNITS
TR = +60°C to +100°C, VCC = 3.0V to 3.6V
-1
+1
Temperature Error, Remote Di-
ode (Note 1)
TR = 0°C to +125°C (Note 2)
-3
+3
°C
TA = +60°C to +100°C
-3
+3
Temperature Error, Local Diode
TA = 0°C to +85°C (Note 2)
-5
+5
°C
Supply-Voltage Range
3.0
5.5
V
Undervoltage Lockout Threshold VCC input, disables A/D conversion, rising edge
2.8
V
Undervoltage Lockout Hysteresis
50
mV
Power-On Reset Threshold
VCC, falling edge
1.7
V
POR Threshold Hysteresis
50
mV
SMBus static
3
Standby Supply Current
Logic inputs forced to VCC or GND
Hardware or software
standby, SMBCLK at 10kHz
4
µA
0.5 conv/sec
35
Average Operating Supply
Current
Auto-convert mode. Logic inputs
forced to VCC or GND
8.0 conv/sec
320
µA
Conversion Time
From stop bit to conversion complete (both channels)
125
ms
Conversion Rate Timing
Conversion-Rate Control Byte=04h, 1Hz
1
sec
High level
176
Remote-Diode Source Current
DXP forced to 1.5V
Low level
11
µA
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com