Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8018 Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS8018
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8018 Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS8018 Datasheet HTML 6Page - Silicon Standard Corp. SS8018 Datasheet HTML 7Page - Silicon Standard Corp. SS8018 Datasheet HTML 8Page - Silicon Standard Corp. SS8018 Datasheet HTML 9Page - Silicon Standard Corp. SS8018 Datasheet HTML 10Page - Silicon Standard Corp. SS8018 Datasheet HTML 11Page - Silicon Standard Corp. SS8018 Datasheet HTML 12Page - Silicon Standard Corp. SS8018 Datasheet HTML 13Page - Silicon Standard Corp. SS8018 Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.SiliconStandard.com
12 of 14
SS8018
POR AND UVLO
The SS8018 has a volatile memory. To prevent ambigu-
ous power-supply conditions from corrupting the data in
memory and causing erratic behavior, a POR voltage de-
tector monitors VCC and clears the memory if VCC falls
below 1.7V (typical, see Electrical Characteristics table).
When power is first applied and VCC rises above 1.7V
(typical), the logic blocks begin operating, although reads
and writes at VCC levels below 3V are not recommended.
A second VCC comparator, the ADC UVLO comparator,
prevents the ADC from converting until there is sufficient
headroom (VCC= 2.8V typical).
ALERT
Fault Queue
To suppress unwanted ALERT triggering the G781 em-
bedded a fault queue function. The ALERT won’t assert
until consecutive out of limit measurements have
reached the queue number. The mapping of fault queue
register (ALERTFQ, 22h) value to fault queue number is
shown in the Table 9.
Table 9. Alert Fault Queue
ALERTFQ
VALUE
FAULT QUEUE NUMBER
XXXX000X
1
XXXX001X
2
XXXX010X
3
XXXX011X
3
XXXX100X
4
XXXX101X
4
XXXX110X
4
XXXX111X
4
Operation of The THERM Function
A local and remote THERM limit can be programmed into
the SS8018 to set the temperature limit above which the
THERM
pin asserts low and the bit 1, of status byte will
be set to 1 corresponding to remote and local over tem-
perature. These two bits won’t be cleared to 0 by read-
ing status byte it the over temperature condition remain.
A hysteresis value is provided by writing the register 21h
to set the temperature threshold to release the
THERM
pin alarm state, The releasing temperature is
the value of register 19h, 20h minus the value in register
21h. The format of register 21h is 2’s complement. The
THERM
signal is open drain and requires a pull-up re-
sistor to power supply.
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com